Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 104 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 104 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 100Page - Analog Devices ADV7180WBSTZ Datasheet HTML 101Page - Analog Devices ADV7180WBSTZ Datasheet HTML 102Page - Analog Devices ADV7180WBSTZ Datasheet HTML 103Page - Analog Devices ADV7180WBSTZ Datasheet HTML 104Page - Analog Devices ADV7180WBSTZ Datasheet HTML 105Page - Analog Devices ADV7180WBSTZ Datasheet HTML 106Page - Analog Devices ADV7180WBSTZ Datasheet HTML 107Page - Analog Devices ADV7180WBSTZ Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 104 of 120
User Sub Map
Bit
(Shading Indicates
Default State)
Address Register
Bit Description
7 6 5 4 3 2 1 0
Comments
Notes
0x74
VDP_LINE_01E
VBI_DATA_P334_N282[3:0]
0 0 0 0
Sets VBI standard to be decoded from
Line 334 (PAL), Line 282 (NTSC)
MAN_LINE_PGM must
be set to 1 for these bits
to be effective
VBI_DATA_P21_N19[3:0]
0 0 0 0
Sets VBI standard to be decoded from
Line 21 (PAL), Line 19 (NTSC)
0x75
VDP_LINE_01F
VBI_DATA_P335_N283[3:0]
0 0 0 0
Sets VBI standard to be decoded from
Line 335 (PAL), Line 283 (NTSC)
MAN_LINE_PGM must be
set to 1 for these bits to
be effective
VBI_DATA_P22_N20[3:0]
0 0 0 0
Sets VBI standard to be decoded from
Line 22 (PAL), Line 20 (NTSC)
0x76
VDP_LINE_020
VBI_DATA_P336_N284[3:0]
0 0 0 0
Sets VBI standard to be decoded from
Line 336 (PAL), Line 284 (NTSC)
MAN_LINE_PGM must
be set to 1 for these bits
to be effective
VBI_DATA_P23_N21[3:0]
0 0 0 0
Sets VBI standard to be decoded from
Line 23 (PAL), Line 21 (NTSC)
0x77
VDP_LINE_021
VBI_DATA_P337_N285[3:0]
0 0 0 0
Sets VBI standard to be decoded from
Line 337 (PAL), Line 285 (NTSC)
MAN_LINE_PGM must
be set to 1 for these bits
to be effective
VBI_DATA_P24_N22[3:0]
0 0 0 0
Sets VBI standard to be decoded from
Line 24 (PAL), Line 22 (NTSC)
0x78
VDP_STATUS
(read only)
CC_AVL
0
Closed captioning not detected
CC_CLEAR resets the
CC_AVL bit
1
Closed captioning detected
CC_EVEN_FIELD
0
Closed captioning decoded from
odd field
1
Closed captioning decoded from
even field
CGMS_WSS_AVL
0
CGMS/WSS not detected
CGMS_WSS_CLEAR resets
the CGMS_WSS_AVL bit
1
CGMS/WSS detected
Reserved
0
GS_PDC_VPS_UTC_AVL
0
GS/PDC/VPS/UTC not detected
GS_PDC_VPS_UTC_CLEAR
resets the
GS_PDC_VPS_UTC_AVL
bit
1
GS/PDC/VPS/UTC detected
GS_DATA_TYPE
0
Gemstar_1× detected
1
Gemstar_2× detected
VITC_AVL
0
VITC not detected
VITC_CLEAR resets the
VITC_AVL bit
1
VITC detected
TTXT_AVL
0
Teletext not detected
1
Teletext detected
VDP_STATUS_CLEAR
(write only)
CC_CLEAR
0
Does not reinitialize the CCAP readback
registers
This is a self-clearing bit
1
Reinitializes the CCAP readback registers
Reserved
0
CGMS_WSS_CLEAR
0
Does not reinitialize the CGMS/WSS
readback registers
This is a self-clearing bit
1
Reinitializes the CGMS/WSS readback
registers
Reserved
0
GS_PDC_VPS_UTC_CLEAR
0
Does not reinitialize the GS/PDC/VPS/
UTC readback registers
This is a self-clearing bit
1
Refreshes the GS/PDC/VPS/UTC
readback registers
Reserved
0
VITC_CLEAR
0
Does not reinitialize the VITC readback
registers
This is a self-clearing bit
1
Reinitializes the VITC readback registers
Reserved
0
0x79
VDP_CCAP_DATA_0
(read only)
CCAP_BYTE_1[7:0]
x x x x x x x x
Decoded Byte 1 of CCAP
0x7A
VDP_CCAP_DATA_1
(read only)
CCAP_BYTE_2[7:0]
x x x x x x x x
Decoded Byte 2 of CCAP
0x7D
VDP_CGMS_WSS_DATA_0
(read only)
CGMS_CRC[5:2]
x x x x
Decoded CRC sequence for CGMS
Reserved
0 0 0 0
0x7E
VDP_CGMS_WSS_DATA_1
(read only)
CGMS_WSS[13:8]
x x x x x x
Decoded CGMS/WSS data
CGMS_CRC[1:0]
x x
Decoded CRC sequence for CGMS
0x7F
VDP_CGMS_WSS_DATA_2
(read only)
CGMS_WSS[7:0]
x x x x x x x x
Decoded CGMS/WSS data
0x84
VDP_GS_VPS_PDC_UTC_0
(read only)
GS_VPS_PDC_UTC_BYTE_0[7:0]
x x x x x x x x
Decoded Gemstar/VPS/PDC/UTC data
0x85
VDP_GS_VPS_PDC_UTC_1
(read only)
GS_VPS_PDC_UTC_BYTE_1[7:0]
x x x x x x x x
Decoded Gemstar/VPS/PDC/UTC data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com