Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 41 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 41 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 37Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 38Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 39Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 40Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 41Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 42Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 43Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 44Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 45Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
QPSK Demodulator
MT312
41
B4:
High = Enable QPSK FR LOCK indication on interrupt pin.
B3:
High = Enable QPSK FR UNLOCK indication on interrupt pin.
B2:
High = Enable QPSK calculation complete indication on interrupt pin.
B1:
High = Enable QPSK TS MAX indication on interrupt pin.
B0:
High = Enable QPSK CS MAX indication on interrupt pin.
B7:
High = Enable QPSK ST CHA indication on interrupt pin.
B6:
High = Enable QPSK frequency end indication on interrupt pin.
B5:
High = Enable QPSK BAUD end indication on interrupt pin.
B4:
High = Enable QPSK AFC success indication on interrupt pin.
B3:
High = Enable QPSK AFC fail indication on interrupt pin.
B2:
High = Enable QPSK next FRS21 indication on interrupt pin.
B1:
High = Enable QPSK same FRS21 indication on interrupt pin.
B0:High = Enable QPSK LTV limit indication on interrupt pin.
6.1.6 QPSK STATUS Output Enable. Register 32 (R/W)
If more than one bit is enabled then the logical-OR combination of the selected status signals will appear on the
STATUS pin 52.
B7:
High = QPSK TS sweep on
B6:
High = QPSK CS sweep on
B5:
High = QPSK FR LOCK
B4:
High = QPSK TS AGC LOCK
B3:
High = QPSK TS LOCK
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
IE QPSK L
30
IE QPSK [7:0] Interrupt enable QPSK (low byte)
R/W
00
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
QPSK STAT EN
32
QPSK STAT EN[7:0] Enable various QPSK outputs on STATUS pin
R/W
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com