Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 20 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 20 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 16Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 17Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 18Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 19Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 20Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 21Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 22Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 23Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 24Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
MT312 Initialisation
20
3.3 Initialisation Sequence
MT312 will be in the power save mode after a
hardware reset. The first command to be written
must be to the CONFIGURATION register at address
127. After loading this register, wait 150µs before
writing to the RESET register. During this wait, the
tuner can programmed to the required channel
frequency via the General Purpose Port (register
20). If the AGC slope control bit of AGC CTRL(39) or
the AGC REF(41) are to be changed, it is best to
write to these registers after writing to the RESET
register. This will allow the front-end AGC loop to
settle while the other registers are being written.
Next write 128 to the RESET register (21) to reset
the MT312 state machine and all parameter registers
to the default settings. It is then necessary to change
the default setting of register 49 to 50 (decimal).
If necessary, other default parameters may need to
be changed. These may include:
•
Slope of AGC control signal - see register (39)
ACG CTRL[B0] AGC SL bit
•
AGC Reference value - see register (41) AGC
REF
•
Relative phase of IQ spectrum - see register
(25) VIT MODE[B6]
•
LNB frequency search range, default is ±6MHz
- see register (37) FR LIM
•
For low Baud rates only, set fast frequency
acquisition mode - see register (26) set QPSK
CTRL[B2] = 1
To invert MOCLK or BKERR output signals - see
register (96) OP CTRL
After this, the LNB controls are defined, in register
(22) DISEQC MODE.
The signal parameters should then be written to the
MT312. The symbol rate (registers 23 & 25 SYM
RATE) may be specified within ±2% of the required
value, absolute precision is not required to achieve
successful lock and tracking. If the symbol rate is
unknown, a search mode is available.
Selecting the correct bit of register (25) VIT MODE, if
known, programs the convolutional code rate. If the
code rate is unknown, some or all of the bits of VIT
MODE may be set to force the MT312 to search for
the code rate.
Finally, the MT312 is given a GO command, register
(27) GO =1, to release the state machine and to start
the signal acquisition sequence. This is summarised
as an example in the following flow diagram.
Enable MT312 : Program CONFIG
Reg 127 = 140 (8Chex)
Program tuner via GPP in 'pass through mode'
open port with Reg 20 = 64 (40hex)
send TUNER DATA via I2C bus (5 bytes).
close port with Reg 20 = 0
Reset MT312 to default register settings
Reg21 = 128 (80hex)
Set SYS_CLK = 2*Xtal*PLL_RATIO
Set DISEQQC_RATIO (if required)
Set AGC_SL (if required)
Initialise register: reg 49 = 50 (32hex);
DiSEqC mode
eg Horizontal with 22kHz on:
Reg 22 = 65 (41hex)
Signal input - Symbol rate
eg 27.5 MBaud:
Reg 23 = 27 (1Bhex) DEFAULT state
Reg 24 = 128 (80hex) DEFAULT state
Viterbi code rate
eg V_IQ swap not set, CR = 3/4:
Reg 25 = 4 (4hex)
QPSK control
eg DVB : roll-off = 0.35:
Reg 26 = 0 DEFAULT state
GO
Release reset state to start signal capture
Reg 27 = 1
Figure 15 - Initialisation sequence in DVB mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com