Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 36 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 36 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 32Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 33Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 34Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 35Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 36Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 37Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 38Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 39Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 40Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
MT312 QPSK Demodulator
36
6 QPSK demodulator
6.1 QPSK Demodulator Read/Write Registers
6.1.1 Symbol Rate. Registers 23 - 24 (R/W)
B15:
SEARCH
B14:
Reserved.
Must be set low
B14:
S FMT
Sweep MT312 Format.
If SYM RATE[15:14] = 0 this is the non-search mode, i.e. the known Symbol rate mode.
B13-0:
Required Symbol rate in Mbaud x 256. Unsigned 14 bit number. e.g. for a symbol
rate of 27.5 MBd
SYM RATE = 27.5 * 256 = 7040 = 1B80 (hex)
If any of the two DSS bits are set in the CONFIG register, then the SYM RATE register contents are ignored
and the symbol rate is taken as 20 MBaud. Hence it is not necessary to program the SYM RATE register for
DSS applications.
If SYM RATE[15:14] = 1x this is the Search Mode where x = don't care.
B11-0:
Sub-ranges to be searched (scaled by clock rate).
The total symbol rate range is divided into 12 sub-ranges. A bit in the above register pair is assigned to each
sub-range, as defined in the tables below. The symbol rate sub-range or sub-ranges to be searched are defined
by setting the appropriate bits high. Small overlaps are automatically provided between successive sub-ranges.
Note that the lowest sub-ranges have been provided for 90 MHz operation and the device has not been
optimised for operation below 1 MBaud.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
SYM RATE H
23
SEARCH
Reserved
SYM RATE[13:8] in MBaud (high byte)
R/W
80
SYM RATE L
24
SYM RAT[7:0] in Mbaud (low byte)
R/W
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com