Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 31 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 31 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 27Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 28Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 29Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 30Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 31Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 32Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 33Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 34Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 35Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
DiSEqC Control
MT312
31
For this example, the DiSEqC™ frequency =
= 22kHz.
For a 10MHz crystal, the tone frequency range is from 9.8kHz with DISEQC RATIO = 255 to 250kHz with
DISEQC RATIO = 10. A lower value than 10 causes the tone frequency to become unstable, until the DISEQC
RATIO = 0, the default, value giving a 22kHz tone frequency. This range is not guaranteed, the maximum tone
frequency should be used with caution.
5.2.3 DiSEqC™ Instruction (R/W). Register 36 (R/W)
Up to eight instruction data bytes are first loaded into a bank of registers through this register. The 2-wire
automatic register address incrementing is turned off during this loading by setting B7: IAI = 1 in RADD,
(register address). The number of bytes (less one) must be defined in the DiSEqC™ instruction register
DISEQC MODE[5:3].
i.e. DISEQC MODE[5:3] = (number of bytes in the DiSEqC™ instruction) - 1
When the DiSEqCTM instruction data bytes have been loaded, set DISEQC MODE[2:0] = 4. At the same time
program DISEQC MODE[5:3] as required. The instruction data is modulated onto the 22kHz signal and output
from the DISEQC[0] pin.
An interrupt is generated 16ms after all the data bytes have been sent and the MT312 then resets DISEQC
MODE[5:0] to zero, see Figure 19 on page 33.
5.2.4 DiSEqC™ 2 Control 1. Registers 121 (R/W)
B7-6:
MIN TONE PER
Minimum Tone Period.
B7:6
are for controlling (or fine tuning) the DiSEqC™ 2 receive algorithm.
B5:
Send extended pulse to the Status pin 52. This is a test or diagnostics bit. If it is set to 1, then the
cleaned up and extended pulse stream is sent to the status pin so that it can be recorded or observed.
B4:
DiSEqC™ 2 Reset only the DiSEqCTM 2 receive module. Automatically set low again after use.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
DISEQC INSTR
36
DISEQC Instruction [7:0]
R/W
00
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
DISEQC2
CTRL1
121
DISEQC2 CTRL1[7:0]
R/W
00
B7-6:
MIN TONE PER
00
3.0 * DISEQC RATIO
01
3.125 * DISEQC RATIO
10
2.875 * DISEQC RATIO
11
2.75 * DISEQC RATIO
11E6
4*125
---------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com