Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 69 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 69 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 65Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 66Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 67Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 68Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 69Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 70Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 71Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 72Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 73Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
Secondary Registers for Test and De-Bugging
MT312
69
10.2.32 Loss Lock Time. Register 82 (R/W)
LOSSLOCK TM (82)
Default value
16 dec.
10 hex.
LOSSLOCK TM[7:0]
After the FEC locks it can unlock due to a signal fade or a cycle slip. Then the QPSK allows the following
number of symbol periods for the FEC to regain lock :
LOSSLOCK TM * 262144
If the FEC does not regain lock during this number of symbol periods, then QPSK will re-acquire lock.
10.2.33 Viterbi Error Period. Registers 83 - 85 (R/W)
VIT ERRPER (83, 84 & 85)
Default value
16,777,215 dec.FF FF FF hex.
VIT ERRPER
Viterbi error period. This is the period over which the Viterbi error count is measured. See
[23:0]
registers 11, 12 & 13 on page 53.
10.2.34 Viterbi Set up. Register 86 (R/W)
B7-6:
FR AL TM O [1:0]
Frame (or byte) align time out.
B5-4:
SRCH CYC[2:0]
Viterbi BER based search cycles.
B3-1:
SEARCH START[2:0]
Code rate search start, only one code rate may be selected.
B0:
EX F LK
Exit false lock.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
VIT SETUP
86
FR AL TM
O[1:0]
SRCH CYC
[1:0]
SEARCH START
[2:0]
EX F
LK
R/W
34
B6-4
Code rate search start
at:
0
1/2
1
2/3
2
3/4
3
5/6
4
6/7
5
7/8
Table 7 - Viterbi code rate search start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com