Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 65 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 65 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 61Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 62Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 63Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 64Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 65Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 66Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 67Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 68Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 69Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
Secondary Registers for Test and De-Bugging
MT312
65
10.2.15 Carrier Synchronisation Sweep Rate 3. Register 55 (R/W)
CS SW
Default value
112 dec.
70 hex.
RATE 3 (55)
CS SW
Carrier Synchronisation sweep rate 3.
RATE 3[7:0]
10.2.16 Carrier Synchronisation Sweep Rate 4. Register 56 (R/W)
CS SW
Default value
144 dec.
90 hex.
RATE 4 (56)
CS SW
Carrier Synchronisation sweep rate 4.
RATE 4[7:0]
10.2.17 Carrier Synchronisation Sweep Limit. Register 57 (R/W)
CS SW
Default value
124 dec.
7C hex.
LIM (57)
CS SW
Carrier Synchronisation sweep limit.
LIM[7:0]
10.2.18 Timing Synchronisation Coefficients. Registers 58 - 60 (R/W)
B23-12:
TS KPROPE[11:0]
Timing Synchronisation Proportional path coefficients.
B11-0:
TS KINTE [11:0]
Timing Synchronisation Integration path coefficients.
10.2.19 Carrier Synchronisation Proportional Part Coefficients. Registers 61 - 62 (R/W)
B15:
NONSNR
High = Non SNR sweep.
B14-10:
CS KP2[4:0]
Carrier proportional tracking coefficients.
B9-5:
CS KP14:0]
Carrier proportional transition coefficients.
B4-0:
CS KP04:0]
Carrier proportional acquire coefficients.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
TS LPK H
58
TS KPROPE[11:4]
R/W
57
TS LPK M
59
TS KPROPE93:0]
TS KINTE[11:8]
R/W
85
TS LPK L
60
TS KINTE[7:0]
R/W
9B
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
CS KPROP H
61
NON
SNR
CS KP2[4:0]
CS KP1[4:3]
R/W
12
CS KROP L
62
CS KP1 [2:-0]
CS KP0[p4:0]
R/W
3B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com