Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 64 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 64 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 60Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 61Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 62Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 63Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 64Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 65Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 66Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 67Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 68Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
MT312 Secondary Registers for Test and De-Bugging
64
10.2.8 SNR Low Threshold Value. Register 48 (R/W)
SNR THS LOW (48)
Default value
90 dec.
5A hex.
SNR THS
SNR low threshold value.
LOW[7:0]
10.2.9 SNR HIGH Threshold Value. Register 49 (R/W)
SNR THS HIGH (49)
Default value
70 dec.
46 hex.
SNR THS
SNR high threshold
Change to 50 dec. 32 hex. after a full reset.
HIGH[7:0]
value.
10.2.10 Timing Synchronisation Sweep Rate. Register 50 (R/W)
TS SW RATE (50)
Default value
30 dec.
1E hex.
TS SW
Timing Synchronisation sweep rate.
RATE[7:0]
For DSS set the value to 20 dec. 14 hex. after a full reset.
10.2.11 Timing Synchronisation Sweep Limit Low. Register 51 (R/W)
TS SW LIM
Default value
64 dec.
40 hex.
L (51)
TS SW LIM L[7:0]
Timing Synchronisation sweep limit low.
10.2.12 Timing Synchronisation Sweep Limit High. Register 52 (R/W)
TS SW LIM H (52)
Default value
132 dec.
84 hex.
TS SW LIM
Timing Synchronisation sweep limit high.
H[7:0]
10.2.13 Carrier Synchronisation Sweep Rate 1. Register 53 (R/W)
CS SW RATE 1 (53)
Default value
32 dec.
20 hex.
CS SW
Carrier Synchronisation sweep rate 1.
RATE 1[7:0]
10.2.14 Carrier Synchronisation Sweep Rate 2. Register 54 (R/W)
CS SW
Default value
72 dec.
48 hex.
RATE 2 (54)
CS SW
Carrier Synchronisation sweep rate 2.
RATE 2[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com