Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 63 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 63 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 59Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 60Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 61Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 62Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 63Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 64Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 65Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 66Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 67Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
Secondary Registers for Test and De-Bugging
MT312
63
10.2 Secondary Registers for Test and De-Bugging Read/Write Registers
10.2.1 AGC Initial Value. Register 40 (R/W)
AGC INIT (40)
Default value
59 dec.
3B hex.
AGC INIT[7:0]
Front End AGC initial value.
10.2.2 AGC Maximum Value. Register 42 (R/W)
AGC MAX (42)
Default value
255 dec.
FF hex.
AGC MAX[7:0]
Front End AGC maximum value.
10.2.3 AGC Minimum Value. Register 43 (R/W)
AGC MIN (43)
Default value
0 dec.
00 hex.
AGC MIN[7:0]
Front End AGC minimum value.
10.2.4 AGC Lock Threshold Value. Register 44 (R/W)
AGC LK TH (44)
Default value
10 dec.
0A hex.
AGC LK TH[7:0]
Front End AGC lock threshold value.
10.2.5 AGC Lock Threshold Value. Register 45 (R/W)
TS AGC LK TH (45)
Default value
30 dec.
1E hex.
TS AGC LK
Timing synchroniser fine AGC lock threshold value.
TH[7:0]
10.2.6 AGC Power Setting Initial Value. Register 46 (R/W)
AGC PWR SET (46)
Default value
20 dec.
14 hex.
AGC PWR
AGC power setting initial value.
SET[7:0]
10.2.7 QPSK Miscellaneous. Register 47 (R/W)
QPSK MISC (47)
Default value
0 dec.
00 hex.
QPSK
Reserved, must be set low,
MISC[B7-0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com