Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 71 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 71 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 67Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 68Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 69Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 70Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 71Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 72Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 73Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 74Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 75Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
Secondary Registers for Test and De-Bugging
MT312
71
10.2.43 Byte Align Set up. Register 95 (R/W)
B7-6:
BA FSM[1:0]
Byte Align FSM mode.
B5-4:
MA MV[2:0] + 5 =
Byte Align majority voting.
B3-0:
BA UNLK[3:0] +3 =
Number of bad sync words to unlock the Byte Align. The default
register value of 4 is equivalent to 7 bad sync words.
10.2.44 Program Synchronising Byte. Register 98 (R/W)
PROG SYNC (98)
Default value
71 dec.
47 hex.
PROG SYNC[7:0 ]
If FEC SETUP[2] is high, use the PROG SYNC value to
synchronise MPEG data packets.
10.2.45 AFC Frequency Search Threshold. Register 99 (R/W)
AFC SEAR TH (99)
Default value
35 dec.
23 hex.
AFC SEAR TH[7:0]
10.2.46 Accumulator Differential Threshold. Register 100 (R/W)
CSACC DIFF TH (100)
Default value
32 dec.
20 hex.
CSACC DIFF TH[7:0]
10.2.47 QPSK Lock Control. Register 101 (R/W)
B7:
CS L LK
High = Use CS long lock.
B6:
TS L LK
High = Use TS long lock.
B5:
ACC CK
High = Disable Accumulator check option.
B4-0:
NUM PLD INT[4:0]
Maximum value allowed is 29.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
BA SETUP
95
BA FSM[1:0]
BA MV[1:0]
BA UNLK[3:0]
R/W
D4
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
QPSK LK CT
101
CS
L LK
TS
L LK
ACC
CK
NUM PLD INT[4:0]
R/W
04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com