Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 57 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 57 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 53Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 54Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 55Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 56Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 57Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 58Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 59Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 60Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 61Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
MPEG Packet Data Output
MT312
57
When ERR IND is High:
BKERR remains high when error free MPEG packets are being output on the
MDO[7:0] bus. BKERR goes low when there is no De-scrambler lock OR on the first
byte of a packet where uncorrectable bytes are detected. BKERR remains low until
error free MPEG packets are being output on the MDO[7:0] bus.
When ERR IND is Low:
BKERR remains high when error free MPEG packets are being output on the
MDO[7:0] bus. BKERR goes low on the first byte of a packet where uncorrectable
bytes are detected and will remain low until the 188th byte (DVB) or 130th byte
(DSS) has been clocked out.
Note: the signal on pin 75 can be inverted by setting the BKERIV bit 6 of OP CTRL register 96, see 48.
Figure 23 illustrates the case when ERR IND is set high and the De-scrambler lock is lost during output of the
first packet. The first packet shown is good, in which case BKERR would remain high at the first MOSTRT
shown, going low when De-scrambler lock goes low. Will go high at the next MOSTRT for a good packet.
ERR_IND = 1
ERR_IND = 0
MCLKIV=1
MOCLK
MDO7:0
MOSTRT
MOVAL
1st byte packet n
188 (DVB) or 130 (DSS) byte packet n
1st byte packet n+1
BKERR
BKERR
Tp
Ti
DS lock
Figure 24 - MT312 output data wave form diagram 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com