Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 25 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 25 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 21Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 22Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 23Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 24Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 25Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 26Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 27Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 28Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 29Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 90 page
background image
Tuner Control
MT312
25
4.4 Tuner Control Read/Write Registers
4.4.1 General Purpose Port Control. Register 20 (R/W)
B7:
Reserved.
Must be set low.
B6:
2W PAS:
High = 2-wire bus Pass-through.
Low = GPP pin I/O direction set by GPP DIR[2:0].
B5-3:
GPP DIR[2:0]
Any bit set high configures the corresponding GPP[2:0] pin as output
Any bit set low configures the corresponding GPP[2:0] pin as input
Mixed use of pins as inputs and outputs is allowed.
If B6 = 1, pass-through mode, then:
GPP DIR[1:0] are ignored,
B2: = Input or output set by GPP DIR[2] - relating to pin 46.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
GPP CTRL
20
Reserved
2W
PAS
GPP DIR[2:0]
GPP PIN[2:0]
R/W
20
Figure 18 - Channel change sequence with
search mode, DVB mode
Program tuner via GPP in 'pass through mode'
open port with Reg 20 = 64 (40hex)
send TUNER DATA via I2C bus (5 bytes).
close port with Reg 20 = 0
DiSEqC mode
eg Horizontal with 22kHz on:
Reg 22 = 65 (41hex)
Signal input - Search mode
eg for SYS_CLK=60MHz and
30 to 20 Mbaud range:
Reg 23 = 136 (88hex)
Reg 24 = 0
Viterbi code rate search
eg set: AUTO IQ detection
Reg 25 = 175 (AFhex)
GO
Re-aquire signal
Reg 27 = 1
Program MONITOR to read Symbol rate
MON_CTRL Reg 103 = 3
Read Symbol rate from MONITOR registers 123 & 124.
Symbol rate = MONITOR_H/4 + MONITOR_L/1024 MBaud
eg if MONITOR_H = 27 and MONITOR_L = 136
then Symbol rate = 27.53125 MBaud
ie 27.5 MBaud
±0.25%
Read code rate from FEC_STATUS[B6-4] register 6.
eg if FEC_STATUS = 2C hex
signal is locked and the code rate = 3/4
Figure 19 - Results of Symbol rate and code
rate search, DVB or DSS mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com