Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 45 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 45 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 41Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 42Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 43Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 44Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 45Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 46Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 47Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 48Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 49Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
QPSK Demodulator
MT312
45
6.2.4 Monitor Registers. Registers 123 - 124 (R)
For details, see MON CTRL register (103) on page 62.
MON CTRL[3:0] = 0:
MONITOR H = CS SYM I and MONITOR L = CS SYM Q.
This is a snapshot of two I and Q samples (of the same symbol) after carrier synchroniser. This
information could be used to produce a scatter diagram. Keep reading these continuously and mark
these as points on a 2-D I-Q plane to get a scatter diagram.
MON CTRL[3:0] = 1:
MONITOR H = DC OFFSET I and MONITOR L = DC OFFSET Q.
This will give the amount of DC offset in the I and Q inputs from the ADC compensated by the QPSK.
Each of these is a two's complement number. If the 6-bit ADC range is taken to be in the scale -32 to
31, then it is necessary divide DC OFFSET I by 16, to bring it to the same scale as the ADC. For
example, if we get the DC OFFSET I as "11111101", the corresponding two's complement number is
-3. However, the actual offset with respect to the ADC scale of [-32, 31] is actually -3/16. The same
applies to DC OFFSET Q.
MON CTRL[3:0] = 3:
MONITOR H = MBAUD OP H and MONITOR L = MBAUD OP L.
When the QPSK demodulator is in lock following a symbol rate search, the locked symbol rate may be
read from the MONITOR register. Then:
Symbol Rate = MONITOR[15:0]/ 1024.
The accuracy of this reading is within ±0.25% of the actual symbol rate. Note that the channel with this
symbol rate can be subsequently re-acquired without a search by programming the 14 MSBs of the
above read-out (discarding the two LSBs) as the 14 LSBs of the 16-bit SYM RATE register (23,24),
see page 27.
MON CTRL[3:0] = 5:
Decimation ratio = MONITOR[15:13]/32.
MON CTRL[3:0] = 6:
MONITOR H = M FLD[7:0] and MONITOR L = M FLD[7:0].
M FLD[7:0]:
This byte contains a number calculated in the TS FLD Timing synchroniser
frequency lock detector and is used for frequency lock detection in the manual
programming mode.
MON CTRL[3:0] = 7:
MONITOR H = M TLD H and MONITOR L = M TLD L.
M TLD[15:0]:
Measurement of the Timing lock detector value. Reading the bytes does NOT reset
the value.
MON CTRL[3:0] = 8:
MONITOR H = M PLD H and MONITOR L = M PLD L.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
MONITOR H
123
MONITOR[15:8] Monitor (high byte)
R
00
MONITOR L
124
MONITOR[7:0] Monitor (low byte)
R
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com