Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 17 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 17 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 13Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 14Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 15Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 16Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 17Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 18Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 19Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 20Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 21Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
Functional Overview
MT312
17
1.7 DiSEqC™ Transmit and Receive Messages
The MT312 has the capability to send and receive
DiSEqC™ messages. Eight registers are provided to
store a message for transmission and a further eight
registers are provided to store a received message.
The received bytes have a parity bit and a parity
error bit in addition to the eight data bits. These
additional bits are read out in following the data bits,
so two byte reads are required for each data byte.
1.7.1 DiSEqC™ Transmitting Messages
The sequence of events to send a message are as
follows:
1. Load the required message bytes into the
DiSEqC™ Instruction register 36, see page 34.
Sequential writes to the same register is achieved
by setting the Inhibit Auto Incrementing (IAI) bit 7
in RADD, the register address byte.
2. Load the number of bytes (less one) in the
DiSEqC™ instruction in the register
DISEQC MODE[5:3], see page 32.
3. Set DISEQC MODE[2:0] = 4 to command the
MT312 to encode the data and transmit the
message.
4. Reset DISEQC MODE[2:0] to either 0 or 1
depending on previous setting of 22kHz off or on.
The data loaded into DISEQC INSTR register is
retained, so that if the same message is to be
repeated, the data loading stage 1 above can be
omitted.
1.7.2 DiSEqC™ Receiving Messages
The MT312 will automatically listen for DiSEqC™
messages
5ms
after
a
message
has
been
transmitted. If a return message is expected, the
DISEQC MODE[2:0] must be set to zero in order to
leave the LNB control signal free for another
DiSEqC™ transmitter to respond.
The sequence of events to receive a message are as
follows:
1. Enable DiSEqC2 GPP2 pin 46 as an input by
setting GPP CTRL register 20 B5 to zero.
2. Enable interrupts if the IRQ pin is being used to
interrupt the host processor in DISEQC2 CTRL1
register 121.
3. Monitor DISEQC2 INT register.
4. If B3 = 1 and B1 = 0, there has been no message
received.
5. If a message has been received, B0 will be set, If
B1 is also set the message is complete.
DISEQC2 INT register B7-4 indicate how many
bytes have been received.
6. Read the received message from
DISEQC2 FIFO register 120 by setting the Inhibit
Auto Incrementing (IAI) bit 7 in RADD, the register
address byte and sequentially reading
DISEQC2 FIFO for the indicated number of
bytes. Each data byte read requires two 2-wire
bus reads. The second or the pair of bytes
contains the parity bit and a parity bit error
indicator.
The user may choose to wait for the end of message
indication, before reading the message, if it is known
that the message is not greater than eight bytes.
However, if the length of message is not known, the
message should be read out of the FIFO by the host
as it is being received. Care must be taken to avoid a
FIFO buffer overflow. DISEQC2 INT register B7-4 will
indicate how many bytes remain in the FIFO.
I
Q
Direct
Conversion
ZIF Tuner
SL1935
Low pass
Filter
Channel
Decoder
MT312
Tank
AGC control
Transport
stream O/P
2-wire bus
control
2-wire bus control
RF I/P
I I/P
Q I/P
Figure 13 - Alternative System Block Diagram - SNIM6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com