Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 80 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 80 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 76Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 77Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 78Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 79Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 80Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 81Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 82Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 83Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 84Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
MT312 Electrical Characteristics
80
12.5 MT312 Pinout Description
Pin
Name
Description
I/O
Note
V
mA
4,5,6,7,8,11,12
ADDR[7:1]
Primary 2-wire bus address defining pins
I/O
CMOS
3.3
1
14
MICLK
MPEG clock input used to generate
MOCLK. Enabled when both register 96
bit 7 and register 97 bit 7 are set high. In
this mode, MICLK must be continuous.
ICMOS
5 1
16
TESTCLK
External ADC mode clock.
O
PECL
Tri-
state
3.3
18
XTI
Crystal clock input or external reference
clock input.
I
CMOS
3.3
19
XTO
Crystal output. An internal feedback
resistor to XTI is included
O
CMOS
3.3
23
PLL1
Phase Locked Loop test output
23
26
VRT
ADC Voltage top reference level
26
27
IREF
I channel de-coupling input
I
28
ISINGP
I channel input
I
29
NC
No connection
I
32
VRM
ADC Voltage middle reference level
33
QSINGP
Q channel input
I
34
QREF
Q channel de-coupling input
I
35
VRB
ADC Voltage bottom reference level
38
RREF
Bias level
39
TEST1
For factory test only. This pin must be
connected to VSS in normal operation
I
CMOS
3.3
40
TEST2
For factory test only. This pin must be
connected to VSS in normal operation
I
CMOS
3.3
43
AGC
AGC sigma-delta output
O
Open
drain
5 1
6
46,45,44
GPP[2:0]
(DISEQC2)
General Purpose Port for tuner control,
register defined.
GPP0 = secondary CLK2,
GPP1 = secondary DATA2,
GPP2 = DiSEqC™ v2.2 input signal.
I/O
Open
drain
5 1
6
47
DISEQC1
DiSEqC™ Horizontal/Vertical control
O
CMOS
3.3
1
48
DISEQC0
DiSEqCTM 22kHz output
O
CMOS
3.3
1
49
RESET
Active low reset input
I
CMOS
5 1
52
STATUS
Audio BER or Status output, register
defined
O
CMOS
3.3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com