Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 60 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 60 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 56Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 57Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 58Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 59Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 60Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 61Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 62Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 63Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 64Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
MT312 MPEG Packet Data Output
60
Note:
the BKERR signal on pin 75 can be inverted by setting the BKERIV bit 6 of OP CTRL register 96, see
page 37.
B6-4:
Reserved, not used.
B3-0:
MON CTRL[3:0] selects which pair of registers will be read from MONITOR H & L registers 123 and
124, (see section 6.10 on page 48).
I and Q input samples when MON CTRL[3:0] = 0.
DC offset in the I and Q inputs when MON CTRL[3:0] = 1.
Symbol Rate when MON CTRL[3:0] = 3, (see section 6.2.4 Monitor Registers. Registers 123 - 124 (R)).
Decimation ratio when MON CTRL[3:0] = 5, (see 6.2.4 Monitor Registers. Registers 123 - 124 (R)).
Timing synchroniser frequency lock detector value when MON CTRL[3:0] = 6, (see section 6.2.4 Monitor
Registers. Registers 123 - 124 (R)).
Timing lock detector value when MON CTRL[3:0] = 7, (see section 6.2.4 Monitor Registers. Registers 123 - 124
(R)).
Phase lock detector value when MON CTRL[3:0] = 8, (see section 6.2.4 Monitor Registers. Registers 123 - 124
(R)).
The remaining settings of MON CTRL[3:0] are either reserved for diagnostic purposes or not used.
MON CTRL[3:0]
MONITOR H (123)
MONITOR L (124)
0
CS SYM I
CS SYM Q
1
DC OFFSET I
DC OFFSET Q
2
Reserved
Reserved
3
MBAUD OP H
MBAUD OP L
4
Reserved
Reserved
5
DEC RATIO[15:13]
and the rest reserved
Reserved
6
M FLD[7:0]
M FLD7:0]
7
M TLD H
M TLD L
8
M PLD H
M PLD L
15 - 9
Not used
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com