Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 78 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 78 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 74Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 75Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 76Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 77Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 78Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 79Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 80Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 81Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 82Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
MT312 Electrical Characteristics
78
12 Electrical Characteristics
12.1 Recommended Operating Conditions
Note 1. When not using a crystal, XTI may be driven from an external source over the frequency range shown.
12.2 Absolute Maximum Ratings
Note: Stresses exceeding these listed under ’Absolute Ratings’ may induce failure. Exposure to absolute
maximum ratings for extended periods may reduce reliabilty. Functionality at or above these conditions is not
implied.
Parameter
Symbol
Min.
Typ.
Max.
Units
Core power supply voltage
CVDD
1.62
1.8
1.98
V
Core power supply current
CIDD
130
150
mA
Power supply voltage
VDD
3.0
3.3
3.6
V
Power supply current
IDD
170
180
mA
Input clock frequency 1
XTI
9.99
16.00
MHz
CLK1 clock frequency
FCLK1
450
kHz
Ambient operating temperature
0
70
°C
Table 9 - Recommended operating conditions
Parameter
Symbol
Min.
Max.
Unit
Power supply
VDD
-0.3
+3.6
V
Voltage on input pins (5 v rated)
VI
-0.3
5.5
V
Voltage on input pins (3.3v rated)
VI
-0.3
VDD +
0.3
V
Voltage on input pins (1.8v rated)
VI
-0.3
CVDD +
0.3
V
Voltage on output pins (5v rated)
VO
-0.3
5.5
V
Voltage on output pins (3.3v rated)
VO
-0.3
VDD +
0.3
V
Voltage on output pins (1.8v rated)
VO
-0.3
CVDD +
0.3
V
Storage temperature
TSTG
-55
150
°C
Operating ambient temperature
TOP
0
70
°C
Junction temperature
TJ
125
°C
Table 10 - Maximum operating conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com