Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 55 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 55 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 51Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 52Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 53Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 54Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 55Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 56Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 57Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 58Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 59Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
MPEG Packet Data Output
MT312
55
9.1.4 MANUAL MOCLK = 1 and DIS SR = 1.
This is the External MPEG Clock mode of operation. The external MOCLK is input on the MICLK pin 14. The
clock supplied must be a continuous clock, otherwise the data buffers in the MT312 would overflow and data
would be lost. The maximum permitted MICLK frequency is:
MICLK frequency maximum =
Where PLL frequency is 60MHz the MICLK frequency maximum = 9.524MHz.
Where PLL frequency is 90MHz the MICLK frequency maximum = 14.286MHz.
As in the Programmable Clock Division Ratio mode, the minimum MICLK frequency must be high enough to
clock the complete MPEG packet out before the next one arrives. For this reason, the minimum MICLK
frequency recommended is 6.7MHz at 60MHz and 10MHz at 90MHz.
The MCLKINV control bit in the Output Data Control register (96) will change the phase of the MICLK used to
clock the data out. With MCLKINV = 0, data is clocked out on the positive edge of MICLK. If MCLKINV = 1, data
is clocked out on the negative edge of MICLK.
9.2 Data Output Header Format - DVB only
After decoding the 188 byte MPEG packet, it is output on the MDO pins in 188 consecutive clock cycles.
Additionally, in DVB mode, when the EN TEI bit in the OP CTRL register (96) is set high (default), the TEI bit of
any uncorrectable packet will automatically be set to 1, see 52. If EN TEI bit is low then TEI bit will not be
changed (but note that if this bit is already 1, for example, due to a channel error which has not been corrected,
it will remain high at output).
PLLfrequency
6.3
-------------------------------------
0
1
00
0
11
1
TEI
1st byte
2nd byte
MDO[7]
MDO[0]
Transport
Packet
Header
4 bytes
184 Transport packet bytes
188 byte packet output
Figure 22 - DVB Transport Packet Header bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com