Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 62 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 62 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 58Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 59Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 60Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 61Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 62Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 63Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 64Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 65Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 66Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
MT312 Secondary Registers for Test and De-Bugging
62
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
Page
PLD OUTLK0
72
PLD OUTLK1[7:0]
R/W
7E
66
PLD INLK3
73
Reserved
PLD INLK3[9:4]
R/W
01
67
PLD INLK2
74
PLD INLK3[3:0]
PLD INLK2[9:6]
R/W
A0
67
PLD INLK1
75
PLD INLK2[5:0]
PLD INLK1
[9:8]
R/W
68
67
PLD INLK0
76
PLD INLK1[7:0]
R/W
1A
67
PLD ACC TIME
77
CS PLD MPLEN[3:0]
LOSSLOCK INT SW[3:0]
R/W
48
67
SWEEP PAR
78
SW LIM SC[1:0]
TS NR SWEEP[2:0]
CS NR SWEEP[2:0]
R/W
49
68
STARTUP TIME
79
STARTUP INTERVAL[7:0]
R/W
30
68
LOSSLOCK TH
80
LOSSLOCK TH SPUR[3:0]
LOSSLOCK TH SW[3:0]
R/W
21
68
FEC LOCK TM
81
FEC LOCK TIME[7:0]
R/W
20
68
LOSSLOCK TM
82
LOSSLOCK TIME[7:0]
R/W
10
69
VIT ERRPER H
83
VIT ERRPER[23:16] Viterbi error period (high byte)
R/W
FF
69
VIT ERRPER M
84
VIT ERRPER[15:8] Viterbi error period (middle byte)
R/W
FF
69
VIT ERRPER L
85
VIT ERRPER[7:0] Viterbi error period (low byte)
R/W
FF
69
VIT SETUP
86
FR AL TM O[1:0]
SRCH CYC
[1:0]
SEARCH START
[2:0]
EX F
LK
R/W
34
69
VIT REF0
87
VIT REF0[7:0] Viterbi reference byte 0
R/W
80
69
VIT REF1
88
VIT REF1[7:0] Viterbi reference byte 1
R/W
14
70
VIT REF2
89
VIT REF2[7:0] Viterbi reference byte 2
R/W
0A
70
VIT REF3
90
VIT REF3[7:0] Viterbi reference byte 3
R/W
06
70
VIT REF4
91
VIT REF4[7:0] Viterbi reference byte 4
R/W
04
70
VIT REF5
92
VIT REF5[7:0] Viterbi reference byte 5
R/W
02
70
VIT REF6
93
VIT REF6[7:0] Viterbi reference byte 6
R/W
01
70
VIT MAXERR
94
VIT MAXERR [7:0] Viterbi max. error bit count
R/W
FF
70
BA SETUPT
95
BA FSM[1:0]
BA MV
[1:0]
BA UNLK[3:0]
R/W
D4
71
PROG SYNC
98
PROG SYNC BYTE[7:0] Enabled by FEC SETUP [2]
R/W
47
71
AFC SEAR TH
99
AFC SEAR TH[7:0]
R/W
23
71
CSACC DIF TH
100
ACC DIF TH[7:0]
R/W
20
71
QPSK LK CT
101
CS L LK
TS L
LK
ACC
CK
NUM PLD INT[4:0]
R/W
04
71
QPSK ST CT
102
HLD ST
AFC
RS
M S
RS
NXT
FR
FCE
ST
FORCED ST[2:0]
R/W
00
72
QPSK RESET
104
Reserved
REL
QP
PR QP PR CS PR TS PR FE
PR
AGC
R/W
00
72
QPSK TST CT
105
QPSK TEST CTRL[7:0]
R/W
00
72
QPSK TST ST
106
QPSK TEST TS[7:0]
R/W
00
73
TEST MODE
125
Test mode
R/W
00
73
Read/Write Secondary register map (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com