Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 52 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 52 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 48Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 49Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 50Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 51Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 52Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 53Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 54Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 55Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 56Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
MT312 Automatic Gain Control
52
8 Automatic Gain Control
8.1 Automatic Gain Control Read/Write Registers
8.1.1 AGC Control. Register 39 (R/W)
B7:
Reserved.
Must be set low.
B6:
Reserved.
Must be set low.
B5-4:
AGC SD[1:0]
Sigma Delta clock decimation ratio related to system clock.
AGC control output is a pulse density modulated output created by a sigma-delta modulator. To reduce power
consumption this is not clocked at the full system clock rate. The frequency at which this is clocked is the
system clock divided by the decimation factor in Table 6.
B3-1:
AGC BW[2:0]
Front End AGC bandwidth (retain default value of 3).
B0:
AGC SL Analogue AGC slope
High = positive slope i.e. RF gain proportional to AGC voltage.
Low = negative slope i.e. RF gain inversely proportional to AGC voltage (default).
8.1.2 AGC REF Reference Value. Register 41 (R/W)
AGC REF[7:0]
Front End AGC reference value.
The AGC loop control in MT312 is designed to bring the mean square value of the I signal (or the Q signal) at
the ADC output (prior to any digital filtering) to the value set by the AGC REF register.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
AGC CTRL
39
Reserved
Reserved
AGC SD[1:0]
AGC BW[2:0]
AGC
SL
R/W
26
AGC SD[1:0]
Decimation
00
2
01
4
10
8
11
16
Table 4 - Sigma Delta clock decimation ratio programming
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
AGC REF
41
AGC REF[7:0] AGC reference level
R/W
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com