Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 44 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 44 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 40Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 41Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 42Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 43Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 44Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 45Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 46Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 47Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 48Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
MT312 QPSK Demodulator
44
6.2.2 QPSK Status. Registers 4 - 5 (R)
B7:
High = QPSK SNR MSB
B6:
High = QPSK SNR LSB
B5:
High = QPSK FR LOCK
B4:
High = QPSK Timing AGC LOCK
B3:
High = QPSK Timing LOCK
B2:
High = QPSK Carrier LOCK
B1:
High = QPSK Carrier and Timing (CT) Lock
B0:
High = QPSK LOCK
B7:
High = QPSK Timing sweep on
B6:
High = QPSK Carrier sweep on
B5-0:
Reserved
6.2.3 Symbol Rate Output. Registers 116 - 117 (R)
SYM RAT OP[15:0] These two bytes contain a positive number that is inversely proportional to the Symbol rate.
The decimation ratio index must also be read from the MONITOR register bits B[7:5] and divided by 32 to
normalise the result.
Rs =
* 2 -DEC RATIO
Where: Rs = Symbol rate in MBaud
PLL CLK = PLL clock frequency in MHz
SYM RAT OP = value of registers 116 and 117.
DEC RATIO = MONITOR H[7:5] when MON CTRL[2:0] = 5.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
QPSK STAT H
04
QPSK STATUS[15:8] (high byte)
R
00
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
QPSK STAT L
05
QPSK STATUS[7:0] (low byte)
R
00
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
SYM RAT OP H
116
SYM RAT OP[15:8] Symbol Rate Output (high byte)
R
00
SYM RAT OP L
117
SYM RAT OP[7:0] Symbol Rate Output (low byte)
R
00
PLL_CLK *8192
SYM_RAT_OP+ 8192
----------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com