Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 7Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 8Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 9Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 10Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 11Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 12Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 13Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 14Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
Functional Overview
MT312
11
1.4 Forward Error Correction
The MT312 contains FEC blocks to enable error
correction for DVB-S and DSS transmissions. The
Viterbi decoder block can decode the convolutional
code with rates 1/2, 2/3, 3/4, 5/6, 6/7 or 7/8. The
block features automatic synchronisation, automatic
IQ
phase
resolution
and
automatic
code
rate
detection. The trace back depth of 128 provides
better performance at high code rates and the built-in
synchronisation algorithm allows the Viterbi decoder
to lock onto signals with very poor signal-to-noise
ratios. Viterbi bit error rate monitor provides an
indication of the error rate at QPSK output.
The 24-bit error count register in the Viterbi decoder
allows the bit error rate at the output of the QPSK
demodulator to be monitored. The 24-bit bit error
count register in the Reed-Solomon decoder allows
the Viterbi output bit error rate to be monitored. The
16-bit
uncorrectable
packet
counter
yields
information about the output packet error rate. These
three monitors and the QPSK SNR register allows
the performance of the device and its individual
components, such as the QPSK demodulator and
the Viterbi decoder, to be monitored extensively by
the external microprocessor.
The frame/byte align block features a sophisticated
synchronisation algorithm to ensure reliable recovery
of DVB and DSS framed data streams under worst
case signal conditions. The de-interleaver uses on-
chip RAM and is compatible with the DVB and DSS
algorithms.
The Reed-Solomon decoder is a truncated version of
the (255, 239) code. The code block size is 204 for
DVB and 146 for DSS. The decoder provides a count
of the number of uncorrectable blocks as well as the
number of bit errors corrected. The latter gives an
indication of the bit error rate at the output of the
Viterbi decoder.
In DVB mode, spectrum de-scrambling is performed
compatible with the DVB specification. The final
output is a parallel or serial transport data stream;
packet sync; data clock; and a block error signal. The
data clock may be inverted under software control.
1.4.1.1 Viterbi Error Count Measurement
A method of estimating the bit error rate at the output
of the QPSK block has been provided in the Viterbi
decoder. The incoming data bit stream is delayed
and compared with the re-encoded and punctured
version of the decoded bit stream to obtain a count of
errors see Figure 4 - Viterbi block diagram.
The measurement system has a programmable
register to determine the number of data bits (the
error count period) over which the count is being
recorded. A read register indicates the error count
result and an interrupt can be generated to inform
the host microprocessor that a new count is
available.
The VIT ERRPER H-M-L group of three registers is
programmed with required number of data bits (the
error count period) (VIT ERRPER[23:0]). The actual
value is four times VIT ERRPER[23:0]. The count of
errors found during this period is loaded by the
MT312 into the VIT ERRCNT H-M-L trio of registers
when the bit count VIT ERRPER[23:0] is reached. At
the same time an interrupt is generated on the IRQ
line. Setting the IE FEC[2] bit in the IE FEC register
enables the interrupt, see page 32. Reading the
register does not clear VIT ERRCNT [23:0], it is only
loaded with the error count.
DELAY
COMP
VITERBI
ENCODER
VITERBI
DECODER
ERROR COUNT
DATA BIT STREAM
Figure 4 - Viterbi block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com