Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 77 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 77 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 73Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 74Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 75Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 76Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 77Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 78Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 79Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 80Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 81Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
Microprocessor Control
MT312
77
11.6 Primary 2-Wire Bus Timing
Where:
S = Start
Sr = Restart, i.e. Start without stopping first.
P = Stop.
Note 1.The rise time depends on the external bus pull up resistor.
Parameter: Primary 2-wire bus only
Symbol
Value
Unit
Min
Max
CLK1 clock frequency
fCLK
0
450
kHz
Bus free time between a STOP and START condition.
tBUFF
200
ns
Hold time (repeated) START condition.
tHD;STA
200
ns
LOW period of CLK1 clock.
tLOW
450
ns
HIGH period of CLK1 clock.
tHIGH
600
ns
Set-up time for a repeated START condition.
tSU;STA
200
ns
Data hold time (when input).
tHD;DAT
100
ns
Data set-up time
tSU;DAT
100
ns
Rise time of both CLK1 and DATA1 signals.
tR
note 1
ns
Rise time of both CLK1 and DATA1 signals, (100pF to ground)
tF
20
ns
Set-up time for a STOP condition.
tSU;STO
200
ns
Table 8 - Primary 2-wire bus timing
PS
P
DATA1
CLK1
tHD;STA
tHD;DAT
tHIGH
tSU;DAT tSU;STA
tSU;STO
tLOW
tR
tF
tBUFF
Sr
Figure 26 - One DiSEqC™ data byte - 0x11 (hex) plus parity bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com