Electronic Components Datasheet Search
  English  ▼

X  

MT312C/CG Datasheet(PDF) 43 Page - Zarlink Semiconductor Inc

Part # MT312C/CG
Description  Satellite Channel Decoder
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT312C/CG Datasheet(HTML) 43 Page - Zarlink Semiconductor Inc

Back Button MT312C/CG Datasheet HTML 39Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 40Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 41Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 42Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 43Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 44Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 45Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 46Page - Zarlink Semiconductor Inc MT312C/CG Datasheet HTML 47Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 90 page
background image
QPSK Demodulator
MT312
43
B3:
Reserved High = QPSK FR UNLOCK
B2:
High = QPSK calculation complete
B1:
High = QPSK TS MAX
B0:
High = QPSK CS MAX
Reading an Interrupt register resets that register.
The majority of these interrupts are for diagnostic purposes and generally not useful in normal operation,
unless otherwise indicated.
B7:
High = QPSK state change
B6:
High = QPSK frequency end of search rangeimportant indicator.
B5:
High = QPSK BAUD end of rangeimportant indicator.
B4:
High = QPSK AFC success
B3:
High = QPSK AFC fail
B2:
High = QPSK next frequency search
B1:
High = QPSK same frequency search
B0:
High = QPSK LTV limit
Reading an Interrupt register resets that register.
Frequency and symbol rate search is carried out as follows. If the symbol rate is known then MT312 will search
the specified frequency range for this symbol rate. Once the end of this range has been reached, "QPSK end of
frequency range search" interrupt will be issued and MT312 will resume the search beginning from frequency
zero. A "QPSK end of Symbol rate range(s) search" interrupt will not be issued.
If the symbol rate is not known, then MT312 can be made to search several sub-ranges of symbol rates, by
setting 12 bits of the pair of SYM RATE registers, as described in section 4.4. For illustration purposes, assume
that the symbol rate sub-ranges SYS CLK/2 to SYS CLK/3 and SYS CLK/4 to SYS CLK/6 are to be searched.
Then MT312 will begin the search from the upper sub-range SYS CLK/2 to SYS CLK/3. MT312 will search for
a channel with a symbol rate in this range over the specified frequency range, for example ± 10 MHz. If no
channel is found then MT312 will issue a "QPSK end of frequency range search" interrupt and will go on to
search the sub-range SYS CLK/4 to SYS CLK/6 over the specified frequency range. If no channel is found,
then MT312 will issue a "QPSK end of frequency range search" interrupt as well as a "QPSK end of Symbol
rate range(s) search" interrupt. Then MT312 will return to search the specified frequency range for a symbol
rate in the range SYS CLK/2 to SYS CLK/3. This process continues indefinitely, unless it is interrupted by host
processor software.
NAME
ADR
B7
B6
B5
B4
B3
B2
B1
B0
Def
hex
QPSK INT L
02
QPSK INT [7:0] Interrupt QPSK (low byte)
R
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com