Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 101 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 101 Page - Texas Instruments

Back Button DM504 Datasheet HTML 97Page - Texas Instruments DM504 Datasheet HTML 98Page - Texas Instruments DM504 Datasheet HTML 99Page - Texas Instruments DM504 Datasheet HTML 100Page - Texas Instruments DM504 Datasheet HTML 101Page - Texas Instruments DM504 Datasheet HTML 102Page - Texas Instruments DM504 Datasheet HTML 103Page - Texas Instruments DM504 Datasheet HTML 104Page - Texas Instruments DM504 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 211 page
background image
101
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-32. VIN2 IOSETs (continued)
SIGNALS
IOSET1
IOSET2
IOSET3
BALL
MUX
BALL
MUX
BALL
MUX
vin2a_d14
T4
2
vin2a_d15
U3
2
5.9.6.3
DSS
Display Parallel Interfaces (DPI) channels are available in DSS named DPI Video Output 1.
Every VOUT interface consists of:
•
24-bit data bus (data[23:0])
•
Horizontal synchronization signal (HSYNC)
•
Vertical synchronization signal (VSYNC)
•
Data enable (DE)
•
Field ID (FID)
•
Pixel clock (CLK)
NOTE
For more information, see the Display Subsystem chapter of the Device TRM.
CAUTION
All pads/balls configured as vouti_* signals must be programmed to use slow
slew rate by setting the corresponding CTRL_CORE_PAD_*[SLEWCONTROL]
register field to SLOW (0b1).
Table 5-33 and Figure 5-15 assume testing over the recommended operating conditions and electrical
characteristic conditions.
Table 5-33. DPI Video Output 1 Switching Characteristics(1)(2)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
D1
tc(clk)
Cycle time, output pixel clock vouti_clk
6.73
ns
D2
tw(clkL)
Pulse duration, output pixel clock vouti_clk low
P*0.5-1
ns
D3
tw(clkH)
Pulse duration, output pixel clock vouti_clk high
P*0.5-1
ns
D5
td(clk-ctlV)
Delay time, output pixel clock vouti_clk transition to output
data vouti_d[23:0] valid
DPI1
-1.33
1.01
ns
D6
td(clk-dV)
Delay time, output pixel clock vouti_clk transition to output
control signals vouti_vsync, vouti_hsync, vouti_de, and
vouti_fld valid
DPI1
-1.33
1.01
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com