Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 103 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 103 Page - Texas Instruments

Back Button DM504 Datasheet HTML 99Page - Texas Instruments DM504 Datasheet HTML 100Page - Texas Instruments DM504 Datasheet HTML 101Page - Texas Instruments DM504 Datasheet HTML 102Page - Texas Instruments DM504 Datasheet HTML 103Page - Texas Instruments DM504 Datasheet HTML 104Page - Texas Instruments DM504 Datasheet HTML 105Page - Texas Instruments DM504 Datasheet HTML 106Page - Texas Instruments DM504 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 211 page
background image
103
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
•
The LVDS receiver (LVDS-RX) support Sony / Aptina / Omnivision / Panasonic / AltaSens serial
interfaces.
•
The parallel interface (CPI) supports up to 16 data lanes.
All interfaces can use the image signal processor (ISP), but not concurrently. When one interface uses the
ISP, the other must send data to memory. However, the ISP can still be used to process this data in
memory-to-memory. Time multiplex processing is also possible.
The camera adaptation layer (CAL) deals with the processing of the pixel data coming from an external
image sensor, data from memory. The CAL is a key component for the following multimedia applications:
camera viewfinder, video record, and still image capture. The CAL has one serial camera interface:
•
The primary serial interface (CSI2 Port A) is compliant with MIPI CSI-2 protocol with four data lanes.
5.9.6.4.1 CSI-2 MIPI D-PHY—1.5 V and 1.8 V
The CSI-2 port A is compliant with the MIPI D-PHY RX specification v1.00.00 and the MIPI CSI-2
specification v1.00, with 4 data differential lanes plus 1 clock differential lane in synchronous mode,
double data rate:
•
1.5 Gbps (750 MHz) @OPP_NOM for each lane.
CAUTION
The IO timings provided in this section are only valid if signals within a single
IOSET are used. The IOSETs are defined in Table 5-34.
In Table 5-34 are presented the specific groupings of signals (IOSET) for use with ISS.
Table 5-34. Camera Parallel Interface (CPI) IOSETs
SIGNALS
IOSET1
IOSET2
BALL
MUX
BALL
MUX
cpi_pclk
E15
1
E15
1
cpi_data0
F17
1
F17
1
cpi_data1
F16
1
F16
1
cpi_data2
F13
1
F13
1
cpi_data3
F15
1
F15
1
cpi_data4
G16
1
G16
1
cpi_data5
G15
1
G15
1
cpi_data6
H16
1
H16
1
cpi_data7
H15
1
H15
1
cpi_data8
J16
1
J16
1
cpi_data9
J15
1
J15
1
cpi_data10
K16
1
K16
1
cpi_data11
L15
1
L15
1
cpi_data12
K15
1
K15
1
cpi_data13
K17
1
K17
1
cpi_hsync
F14
1
F14
1
cpi_vsync
G14
1
G14
1
cam_nreset
T3
1
cam_strobe
A12
3
G17
1
cam_shutter
B12
3
L14
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com