Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 112 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 112 Page - Texas Instruments

Back Button DM504 Datasheet HTML 108Page - Texas Instruments DM504 Datasheet HTML 109Page - Texas Instruments DM504 Datasheet HTML 110Page - Texas Instruments DM504 Datasheet HTML 111Page - Texas Instruments DM504 Datasheet HTML 112Page - Texas Instruments DM504 Datasheet HTML 113Page - Texas Instruments DM504 Datasheet HTML 114Page - Texas Instruments DM504 Datasheet HTML 115Page - Texas Instruments DM504 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 211 page
background image
spim_cs(OUT)
spi _sclk
m
(OUT)
spi _sclk
m
(OUT)
spi _
m d(IN)
spim_cs(OUT)
spi _sclk
m
(OUT)
spi _sclk
m
(OUT)
spi _
m d(IN)
Bit n-1
Bit n-2
Bit n-3
Bit n-4
Bit 0
Bit n-1
Bit n-2
Bit n-3
Bit 1
Bit 0
PHA=0
EPOL=1
PHA=1
EPOL=1
POL=0
POL=1
POL=0
POL=1
SM8
SM9
SM3
SM1
SM2
SM1
SM8
SM9
SM3
SM1
SM2
SM1
SM2
SM3
SM2
SM3
SM4
SM5
SM4
SM5
SM4
SM4
SM5
SM5
SPRS91v_McSPI_02
112
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-20. McSPI - Master Mode Receive
Table 5-41, Figure 5-21 and Figure 5-22 presents Timing Requirements for McSPI - Slave Mode.
Table 5-41. Timing Requirements for SPI - Slave Mode(5)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
SS1 (1)
(2)
tc(SPICLK)
Cycle time, spi_sclk
SPI1
25
ns
SPI2/3/4
33.3
ns
SS2 (1)
tw(SPICLKL)
(3)
Typical Pulse duration, spi_sclk low
0.45*P
ns
SS3 (1)
tw(SPICLKH)
(3)
Typical Pulse duration, spi_sclk high
0.45*P
ns
SS4 (1)
tsu(SIMO-SPICLK)
Setup time, spi_d[x] valid before spi_sclk active edge
2.82
ns
SS5 (1)
th(SPICLK-SIMO)
Hold time, spi_d[x] valid after spi_sclk active edge
2.82
ns
SS6 (1)
td(SPICLK-SOMI)
Delay time, spi_sclk active edge to mcspi_somi transition
SPI1
2
9.8
ns
SPI2/3/4
2
21
ns
SS7 (4)
td(CS-SOMI)
Delay time, spi_cs[x] active edge to mcspi_somi transition
16
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com