Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 116 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 116 Page - Texas Instruments

Back Button DM504 Datasheet HTML 112Page - Texas Instruments DM504 Datasheet HTML 113Page - Texas Instruments DM504 Datasheet HTML 114Page - Texas Instruments DM504 Datasheet HTML 115Page - Texas Instruments DM504 Datasheet HTML 116Page - Texas Instruments DM504 Datasheet HTML 117Page - Texas Instruments DM504 Datasheet HTML 118Page - Texas Instruments DM504 Datasheet HTML 119Page - Texas Instruments DM504 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 211 page
background image
cs
sclk
d[0]
d[3:1]
Bit n-1
Bit n-2
Bit 1
Bit 0
PHA=1
POL=1
Command
Command
Read Data
Read Data
Bit 1
Bit 0
Read Data
Read Data
Q4
Q7
Q6
Q3
Q2
Q1
Q6
Q5
SPRS85v_TIMING_OSPI1_01
Q12
Q13
Q14
Q15
Q12
Q13
Q14
Q15
116
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-43. Switching Characteristics for QSPI (continued)
No
PARAMETER
DESCRIPTION
Mode
MIN
MAX
UNIT
6
td(SCLK-D1)
Delay time, sclk falling edge to d[1] transition
Default
Timing
Mode
-1
1
ns
7
tena(CS-D1LZ)
Enable time, cs active edge to d[1] driven (lo-z)
-P-3.5
-P+2.5
ns
8
tdis(CS-D1Z)
Disable time, cs active edge to d[1] tri-stated (hi-z)
-P-2.5
-P+2.0
ns
9
td(SCLK-D1)
Delay time, sclk first falling edge to first d[1] transition
PHA=0
Only,
Default
Timing
Mode
-2
2
ns
(1) The Y parameter is defined as follows: If DCLK_DIV is 0 or ODD then, Y equals 0.5. If DCLK_DIV is EVEN then, Y equals
(DCLK_DIV/2) / (DCLK_DIV+1). For best performance, it is recommended to use a DCLK_DIV of 0 or ODD to minimize the duty cycle
distortion. The HSDIVIDER on CLKOUTX2_H13 output of DPLL_PER can be used to achieve the desired clock divider ratio. All
required details about clock division factor DCLK_DIV can be found in the device TRM.
(2) P = SCLK period.
(3) M=QSPI_SPI_DC_REG.DDx + 1 when Clock Mode 0. M=QSPI_SPI_DC_REG.DDx when Clock Mode 3. N = 2 when Clock Mode 0. N
= 3 when Clock Mode 3.
Figure 5-23. QSPI Read (Clock Mode 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com