Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 119 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 119 Page - Texas Instruments

Back Button DM504 Datasheet HTML 115Page - Texas Instruments DM504 Datasheet HTML 116Page - Texas Instruments DM504 Datasheet HTML 117Page - Texas Instruments DM504 Datasheet HTML 118Page - Texas Instruments DM504 Datasheet HTML 119Page - Texas Instruments DM504 Datasheet HTML 120Page - Texas Instruments DM504 Datasheet HTML 121Page - Texas Instruments DM504 Datasheet HTML 122Page - Texas Instruments DM504 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 211 page
background image
cs
sclk
d[0]
d[3:1]
Bit n-1
Bit n-2
Bit 1
Bit 0
PHA=0
POL=0
Command
Command
Write Data
Write Data
Q4
Q7
Q2
Q3
Q1
Q6
Q6
Q5
SPRS85v_TIMING_OSPI1_04
Q8
Q9
Q6
119
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-26. QSPI Write (Clock Mode 0)
NOTE
To configure the desired virtual mode the user must set MODESELECT bit and
DELAYMODE bitfield for each corresponding pad control register.
The pad control registers are presented in Table 4-26 and described in Device TRM, Chapter
14 - Control Module.
CAUTION
The IO timings provided in this section are only valid if signals within a single
IOSET are used. The IOSETs are defined in Table 5-45.
In Table 5-45 are presented the specific groupings of signals (IOSET) for use with QSPI.
Table 5-45. QSPI IOSETs
SIGNALS
IOSET1
IOSET3
BALL
MUX
BALL
MUX
qspi1_sclk
C1
1
C1
1
qspi1_rtclk
D7
8
B4
5
qspi1_d0
C3
1
C3
1
qspi1_d1
C2
1
C2
1
qspi1_d2
B3
1
B3
1
qspi1_d3
A3
1
A3
1
qspi1_cs0
A4
1
A4
1
qspi1_cs1
C6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com