Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 127 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 127 Page - Texas Instruments

Back Button DM504 Datasheet HTML 123Page - Texas Instruments DM504 Datasheet HTML 124Page - Texas Instruments DM504 Datasheet HTML 125Page - Texas Instruments DM504 Datasheet HTML 126Page - Texas Instruments DM504 Datasheet HTML 127Page - Texas Instruments DM504 Datasheet HTML 128Page - Texas Instruments DM504 Datasheet HTML 129Page - Texas Instruments DM504 Datasheet HTML 130Page - Texas Instruments DM504 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 211 page
background image
127
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
•
Local power down and wakeup support
•
Automatic message RAM initialization
•
Support for DMA access
5.9.6.12.2 MCAN
The device supports one MCAN module connecting to the CAN network through external (for the device)
transceiver for connection to the physical layer. The MCAN module supports up to 5 Mbit/s data rate and
is compliant to ISO 11898-1:2015.
The MCAN module implements the following features:
•
Conforms with ISO 11898-1:2015
•
Full CAN FD support (up to 64 data bytes)
•
AUTOSAR and SAE J1939 support
•
Up to 32 dedicated Transmit Buffers
•
Configurable Transmit FIFO, up to 32 elements
•
Configurable Transmit Queue, up to 32 elements
•
Configurable Transmit Event FIFO, up to 32 elements
•
Up to 64 dedicated Receive Buffers
•
Two configurable Receive FIFOs, up to 64 elements each
•
Up to 128 filter elements
•
Internal Loopback mode for self-test
•
Maskable interrupts, two interrupt lines
•
Two clock domains (CAN clock/Host clock)
•
Parity/ECC support - Message RAM single error correction and double error detection (SECDED)
mechanism
•
Local power-down and wakeup support)
•
Timestamp Counter
NOTE
For more information, see the Serial Communication Interfaces / DCAN and MCAN sections
of the Device TRM.
Table 5-53, Table 5-54 and Figure 5-29 present Timing and Switching Characteristics for DCAN and
MCAN Interface.
Table 5-53. Timing Requirements for DCAN Receive(1)
NO.
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
f(baud)
Maximum programmable baud rate
1
Mbps
1
tw(DCANRX)
Pulse duration, receive data bit (DCANx_RX)
H - 15
H + 15
ns
(1) H = period of baud rate, 1/programmed baud rate.
Table 5-54. Switching Characteristics Over Recommended Operating Conditions for DCAN Transmit (1)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
f(baud)
Maximum programmable baud rate
1
Mbps
2
tw(DCANTX)
Pulse duration, transmit data bit (DCANx_TX)
H - 15
H + 15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com