Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 131 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 131 Page - Texas Instruments

Back Button DM504 Datasheet HTML 127Page - Texas Instruments DM504 Datasheet HTML 128Page - Texas Instruments DM504 Datasheet HTML 129Page - Texas Instruments DM504 Datasheet HTML 130Page - Texas Instruments DM504 Datasheet HTML 131Page - Texas Instruments DM504 Datasheet HTML 132Page - Texas Instruments DM504 Datasheet HTML 133Page - Texas Instruments DM504 Datasheet HTML 134Page - Texas Instruments DM504 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 211 page
background image
131
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-60, Table 5-61 and Figure 5-32 present switching characteristics for rgmiin_txctl - RGMIIn
Operation for 10/100/1000 Mbit/s
Table 5-60. Switching Characteristics Over Recommended Operating Conditions for rgmiin_txctl - RGMIIn
Operation for 10/100/1000 Mbit/s
NO.
PARAMETER
DESCRIPTION
SPEED
MIN
MAX
UNIT
1
tc(TXC)
Cycle time, rgmiin_txc
10 Mbps
360
440
ns
100 Mbps
36
44
ns
1000 Mbps
7.2
8.8
ns
2
tw(TXCH)
Pulse duration, rgmiin_txc high
10 Mbps
160
240
ns
100 Mbps
16
24
ns
1000 Mbps
3.6
4.4
ns
3
tw(TXCL)
Pulse duration, rgmiin_txc low
10 Mbps
160
240
ns
100 Mbps
16
24
ns
1000 Mbps
3.6
4.4
ns
4
tt(TXC)
Transition time, rgmiin_txc
10 Mbps
0.75
ns
100 Mbps
0.75
ns
1000 Mbps
0.75
ns
Table 5-61. Switching Characteristics for GMAC RGMIIn Output Transmit for 10/100/1000 Mbps (1)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
5
tosu(TXD-TXC)
Output Setup time, transmit selected signals
valid to rgmiin_txc high/low
RGMII0, Internal Delay
Enabled, 1000 Mbps
ns
RGMII0, Internal Delay
Enabled, 10/100 Mbps
1.2
ns
RGMII1, Internal Delay
Enabled, 1000 Mbps
ns
RGMII1, Internal Delay
Enabled, 10/100 Mbps
1.2
ns
6
toh(TXC-TXD)
Output Hold time, transmit selected signals
valid after rgmiin_txc high/low
RGMII0, Internal Delay
Enabled, 1000 Mbps
ns
RGMII0, Internal Delay
Enabled, 10/100 Mbps
1.2
ns
RGMII1, Internal Delay
Enabled, 1000 Mbps
ns
RGMII1, Internal Delay
Enabled, 10/100 Mbps
1.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com