Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 145 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 145 Page - Texas Instruments

Back Button DM504 Datasheet HTML 141Page - Texas Instruments DM504 Datasheet HTML 142Page - Texas Instruments DM504 Datasheet HTML 143Page - Texas Instruments DM504 Datasheet HTML 144Page - Texas Instruments DM504 Datasheet HTML 145Page - Texas Instruments DM504 Datasheet HTML 146Page - Texas Instruments DM504 Datasheet HTML 147Page - Texas Instruments DM504 Datasheet HTML 148Page - Texas Instruments DM504 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 211 page
background image
145
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
•
Bit count and rotate hardware extends support for bit-level algorithms.
•
Compact instructions: Common instructions (AND, ADD, LD, MPY) have 16-bit versions to reduce
code size.
•
Protected mode operation: A two-level system of privileged program execution to support higher-
capability operating systems and system features such as memory protection.
•
Exceptions support for error detection and program redirection to provide robust code execution
•
Hardware support for modulo loop operation to reduce code size and allow interrupts during fully-
pipelined code
•
Each multiplier can perform 32 × 32 bit multiplies
•
Additional instructions to support complex multiplies allowing up to eight 16-bit multiply/add/subtracts
per clock cycle
The TMS320C66x has the following key improvements to the ISA:
•
4x Multiply Accumulate improvement for both fixed and floating point
•
Improvement of the floating point arithmetic
•
Enhancement of the vector processing capability for fixed and floating point
•
Addition of domain-specific instructions for complex arithmetic and matrix operations
On the C66x ISA, the vector processing capability is improved by extending the width of the SIMD
instructions. The C674x DSP supports 2-way SIMD operations for 16-bit data and 4-way SIMD
operations for 8-bit data. C66x enhances this capabilities with the addition of SIMD instructions for 32-bit
data allowing operation on 128-bit vectors. For example the QMPY32 instruction is able to perform the
element to element multiplication between two vectors of four 32-bit data each.
C66x ISA includes a set of specific instructions to handle complex arithmetic and matrix operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com