Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 163 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 163 Page - Texas Instruments

Back Button DM504 Datasheet HTML 159Page - Texas Instruments DM504 Datasheet HTML 160Page - Texas Instruments DM504 Datasheet HTML 161Page - Texas Instruments DM504 Datasheet HTML 162Page - Texas Instruments DM504 Datasheet HTML 163Page - Texas Instruments DM504 Datasheet HTML 164Page - Texas Instruments DM504 Datasheet HTML 165Page - Texas Instruments DM504 Datasheet HTML 166Page - Texas Instruments DM504 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 211 page
background image
163
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
For more information, see section Multichannel Audio Serial Port in chapter Serial Communication
Interfaces of the device TRM.
6.10.11 DCAN
The Controller Area Network (CAN) is a serial communications protocol which efficiently supports
distributed real-time applications. CAN has high immunity to electrical interference and the ability to self-
diagnose and repair data errors. In a CAN network, many short messages are broadcast to the entire
network, which provides for data consistency in every node of the system.
The device supports:
•
One DCAN module, referred to as DCAN1
The DCAN interface implements the following features:
•
Supports CAN protocol version 2.0 part A, B
•
Bit rates up to 1 MBit/s
•
64 message objects in a dedicated message RAM
•
Individual identifier mask for each message object
•
Programmable FIFO mode for message objects
•
Programmable loop-back modes for self-test operation
•
Suspend mode for debug support
•
Automatic bus on after Bus-Off state by a programmable 32-bit timer
•
Message RAM single error correction and double error detection (SECDED) mechanism
•
Direct access to message RAM during test mode
•
Support for two interrupt lines: Level 0 and Level 1, plus separate ECC interrupt line
•
Local power down and wakeup support
•
Automatic message RAM initialization
•
Support for DMA access
For more information, see section DCAN in chapter Serial Communication Interfaces of the device TRM.
6.10.12 MCAN
The Controller Area Network (CAN) is a serial communications protocol which efficiently supports
distributed real-time control with a high level of security. CAN has high immunity to electrical interference
and the ability to self-diagnose and repair data errors. In a CAN network, many short messages are
broadcast to the entire network, which provides for data consistency in every node of the system.
The MCAN module supports both classic CAN and CAN FD (CAN with Flexible Data-Rate) specifications.
CAN FD feature allows high throughput and increased payload per data frame. The classic CAN and CAN
FD devices can coexist on the same network without any conflict.
The MCAN module implements the following features:
•
Conforms with ISO 11898-1:2015
•
Full CAN FD support (up to 64 data bytes)
•
AUTOSAR and SAE J1939 support
•
Up to 32 dedicated Transmit Buffers
•
Configurable Transmit FIFO, up to 32 elements
•
Configurable Transmit Queue, up to 32 elements
•
Configurable Transmit Event FIFO, up to 32 elements
•
Up to 64 dedicated Receive Buffers
•
Two configurable Receive FIFOs, up to 64 elements each
•
Up to 128 filter elements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com