Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 165 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 165 Page - Texas Instruments

Back Button DM504 Datasheet HTML 161Page - Texas Instruments DM504 Datasheet HTML 162Page - Texas Instruments DM504 Datasheet HTML 163Page - Texas Instruments DM504 Datasheet HTML 164Page - Texas Instruments DM504 Datasheet HTML 165Page - Texas Instruments DM504 Datasheet HTML 166Page - Texas Instruments DM504 Datasheet HTML 167Page - Texas Instruments DM504 Datasheet HTML 168Page - Texas Instruments DM504 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 211 page
background image
165
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
•
Flow Control Support (802.3x)
•
Digital loopback and FIFO loopback modes supported
•
Maximum frame size 2016 bytes (2020 with VLAN)
•
8k (2048 × 32) internal CPPI buffer descriptor memory
•
Management Data Input/Output (MDIO) module for PHY Management
•
Programmable interrupt control with selected interrupt pacing
•
Emulation support
•
Programmable Transmit Inter Packet Gap (IPG)
•
Reset isolation (switch function remains active even in case of all device resets except for POR pin
reset and ICEPICK cold reset)
•
Full duplex mode supported in 10/100/1000 Mbps. Half-duplex mode supported only in 10/100 Mbps.
•
IEEE 802.3 gigabit Ethernet conformant
For more information, see section Gigabit Ethernet Switch (GMAC_SW) in chapter Serial Communication
Interfaces of the device TRM.
6.10.14 SDIO
The SDIO host controller provides an interface between a local host (LH) such as a microprocessor unit or
digital signal processor and SDIO cards. It handles SDIO transactions with minimal LH intervention.
The SDIO host controller deals with SDIO protocol at transmission level, data packing, adding cyclic
redundancy checks (CRCs), start/end bit, and checking for syntactical correctness.
The application interface can send every SDIO command and poll for the status of the adapter or wait for
an interrupt request, which is sent back in case of exceptions or to warn of end of operation.
The application interface can read card responses or flag registers. It can also mask individual interrupt
sources. All these operations can be performed by reading and writing control registers. The SDIO host
controller also supports two slave DMA channels.
Compliance with standards:
•
SDIO command/response sets and interrupt/read-wait suspend-resume operations as defined in the
SD part E1 specification v3.00
•
SD command/response sets as defined in the SD Physical Layer specification v3.01
•
SD Host Controller Standard Specification sets as defined in the SD card specification Part A2 v3.00
Main features of the SD/SDIO host controllers:
•
Flexible architecture allowing support for new command structure
•
32-bit wide access bus to maximize bus throughput
•
Designed for low power
•
Programmable clock generation
•
L4 slave interface supports:
–
32-bit data bus width
–
8/16/32 bit access supported
–
9-bit address bus width
–
Streaming burst supported only with burst length up to 7
–
WNP supported
•
Built-in 1024-byte buffer for read or write
•
Two DMA channels, one interrupt line
•
Supported data transfer rates up to SDR25 mode
•
The SDIO controller is connected to 1,8V/3.3V compatible I/Os to support 1,8V/3.3V signaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com