Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 159 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 159 Page - Texas Instruments

Back Button DM504 Datasheet HTML 155Page - Texas Instruments DM504 Datasheet HTML 156Page - Texas Instruments DM504 Datasheet HTML 157Page - Texas Instruments DM504 Datasheet HTML 158Page - Texas Instruments DM504 Datasheet HTML 159Page - Texas Instruments DM504 Datasheet HTML 160Page - Texas Instruments DM504 Datasheet HTML 161Page - Texas Instruments DM504 Datasheet HTML 162Page - Texas Instruments DM504 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 211 page
background image
159
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
•
TIMER1 (1-ms tick) includes a specific function to generate accurate tick interrupts to the operating
system and it belongs to the PD_WKUPAON domain.
•
TIMER2 through TIMER8 belong to the PD_COREAON module.
Each timer can be clocked from the system clock (19.2, 20, or 27 MHz) or the 32-kHz clock. Select the
clock source at the power, reset, and clock management (PRCM) module level.
Each timer provides an interrupt through the device IRQ_CROSSBAR.
The following are the main features of the GP timer controllers:
•
Level 4 (L4) slave interface support:
–
32-bit data bus width
–
32-/16-bit access supported
–
8-bit access not supported
–
10-bit address bus width
–
Burst mode not supported
–
Write nonposted transaction mode supported
•
Interrupts generated on overflow, compare, and capture
•
Free-running 32-bit upward counter
•
Compare and capture modes
•
Autoreload mode
•
Start and stop mode
•
Programmable divider clock source (2n, where n = [0:8])
•
Dedicated input trigger for capture mode and dedicated output trigger/PWM signal
•
Dedicated GP output signal for using the TIMERi_GPO_CFG signal
•
On-the-fly read/write register (while counting)
•
1-ms tick with 32.768-Hz functional clock generated (only TIMER1)
For more information, see section General-Purpose Timers in chapter Timers of the device TRM.
6.10.5.2 32-kHz Synchronized Timer (COUNTER_32K)
The 32-kHz synchronized timer (COUNTER_32K) is a 32-bit counter clocked by the falling edge of the 32-
kHz system clock.
The main features of the 32-kHz synchronized timer controller are:
•
L4 slave interface (OCP) support:
–
32-bit data bus width
–
32-/16-bit access supported
–
8-bit access not supported
–
16-bit address bus width
–
Burst mode not supported
–
Write nonposted transaction mode not supported
•
Only read operations are supported on the module registers; no write operation is supported (no
error/no action on write).
•
Free-running 32-bit upward counter
•
Start and keep counting after power-on reset
•
Automatic roll over to 0; highest value reached: 0xFFFF FFFF
•
On-the-fly read (while counting)
For more information, see section 32-kHz Synchronized Timer (COUNTER_32K) in chapter Timers of the
device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com