Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 155 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 155 Page - Texas Instruments

Back Button DM504 Datasheet HTML 151Page - Texas Instruments DM504 Datasheet HTML 152Page - Texas Instruments DM504 Datasheet HTML 153Page - Texas Instruments DM504 Datasheet HTML 154Page - Texas Instruments DM504 Datasheet HTML 155Page - Texas Instruments DM504 Datasheet HTML 156Page - Texas Instruments DM504 Datasheet HTML 157Page - Texas Instruments DM504 Datasheet HTML 158Page - Texas Instruments DM504 Datasheet HTML 159Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 211 page
background image
155
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
The EDMA can also perform transfers between external memories and between device subsystems
internal memories, with some performance loss caused by resource sharing between the read and write
ports.
EDMA controller is based on two major principal blocks:
•
EDMA third-party channel controller (EDMA_TPCC)
•
EDMA third-party transfer controller (EDMA_TPTC)
The EDMA_TPCC channel controller has following features:
•
Fully orthogonal transfer description:
–
Three transfer dimensions.
–
A-synchronized transfers: one-dimension serviced per event.
–
AB-synchronized transfers: two-dimensions serviced per event.
–
Independent indexes on source and destination.
–
Chaining feature allows a 3-D transfer based on a single event.
•
Flexible transfer definition:
–
Increment or FIFO transfer addressing modes.
–
Linking mechanism allows automatic PaRAM set update.
–
Chaining allows multiple transfers to execute with one event.
•
Interrupt generation for the following:
–
Transfer completion.
–
Error conditions.
•
Debug visibility:
–
Queue water marking/threshold.
–
Error and status recording to facilitate debug.
•
64 DMA request channels:
–
Event synchronization.
–
Chain synchronization (completion of one transfer triggers another transfer).
•
Eight QDMA channels:
–
QDMA channels trigger automatically upon writing to a parameter RAM (PaRAM) set entry.
–
Support for programmable QDMA channel to PaRAM mapping.
•
512 PaRAM sets:
–
Each PaRAM set can be used for a DMA channel, QDMA channel, or link set.
•
Two transfer controllers/event queues.
•
16 event entries per event queue.
•
Memory protection support:
–
Proxy memory protection for TR submission.
–
Active memory protection for accesses to PaRAM and registers.
The EDMA_TPTC transfer controller has the following features:
•
Two transfer controllers (TC).
•
128-bit wide read and write ports per TC.
•
Up to four in-flight transfer requests (TRs).
•
Programmable priority level.
•
Supports two-dimensional transfers with independent indexes on source and destination
(EDMA_TPCC manages the 3rd dimension).
•
Support for increment or constant addressing mode transfers.
•
Interrupt and error support.
•
Memory-Mapped Register (MMR) bit fields are fixed position in 32-bit MMR regardless of
endianness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com