Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 151 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 151 Page - Texas Instruments

Back Button DM504 Datasheet HTML 147Page - Texas Instruments DM504 Datasheet HTML 148Page - Texas Instruments DM504 Datasheet HTML 149Page - Texas Instruments DM504 Datasheet HTML 150Page - Texas Instruments DM504 Datasheet HTML 151Page - Texas Instruments DM504 Datasheet HTML 152Page - Texas Instruments DM504 Datasheet HTML 153Page - Texas Instruments DM504 Datasheet HTML 154Page - Texas Instruments DM504 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 211 page
background image
151
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
6.6
Memory Subsystem
6.6.1
EMIF
The EMIF module provides connectivity between DDR memory types and manages data bus read/write
accesses between external memory and device subsystems which have master access to the L3_MAIN
interconnect and DMA capability.
The EMIF module has the following capabilities:
•
Supports JEDEC standard-compliant LPDDR2/DDR2-SDRAM and DDR3/DDR3L-SDRAM memory
types
•
2-GiB SDRAM address range over one chip-select
•
Supports SDRAM devices with one, two, four or eight internal banks
•
Supports SDRAM devices with single die (one chip select supported)
•
Supports SDRAM devices with single or dual die packages
•
Data bus widths:
–
128-bit L3_MAIN (system) interconnect data bus width
–
32-bit SDRAM data bus width
–
16-bit SDRAM data bus width used in narrow mode
•
Supported CAS latencies:
–
DDR3: 5, 6, 7, 8, 9, 10 and 11
–
DDR2: 2, 3, 4, 5, 6 and 7
–
LPDDR2: 3, 4, 5, 6, 7, and 8
•
Supports 256-, 512-, 1024-, and 2048-word page sizes
•
Supported burst length: 8
•
Supports sequential burst type
•
SDRAM auto initialization from reset or configuration change
•
Supports self refresh and power-down modes for low power
•
Partial array self-refresh mode for low power when DDR3 is used
•
Output impedance (ZQ) calibration for DDR3
•
Supports on-die termination (ODT) for DDR2 and DDR3
•
Supports prioritized refresh
•
Programmable SDRAM refresh rate and backlog counter
•
Programmable SDRAM timing parameters
•
Write and read leveling/calibration and data eye training for DDR3
•
ECC on the SDRAM data bus:
–
7-bit ECC over 32-bit data
–
6-bit ECC over 16-bit data when narrow mode is used
–
1-bit error correction and 2-bit error detection
–
Programmable address ranges to define ECC protected region
–
ECC calculated and stored on all writes to ECC protected address region
–
ECC verified on all reads from ECC protected address region
–
Statistics for 1-bit ECC and 2-bit ECC errors
–
The total width of the ECC DDR data bus is 8 bits
The EMIF module does not support:
•
Burst chop for DDR3
•
Interleave burst type
•
Auto precharge because of better Bank Interleaving performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com