Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 156 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 156 Page - Texas Instruments

Back Button DM504 Datasheet HTML 152Page - Texas Instruments DM504 Datasheet HTML 153Page - Texas Instruments DM504 Datasheet HTML 154Page - Texas Instruments DM504 Datasheet HTML 155Page - Texas Instruments DM504 Datasheet HTML 156Page - Texas Instruments DM504 Datasheet HTML 157Page - Texas Instruments DM504 Datasheet HTML 158Page - Texas Instruments DM504 Datasheet HTML 159Page - Texas Instruments DM504 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 211 page
background image
156
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
EDMA controller uses the shared MMU1 module for transfering to and from DSP module. This
provides several benefits including:
•
Protection of Host CPU memory regions from accidental corruption by EDMA TPTCs.
•
Direct allocation of buffers in user space without the need for translation between CPU and DSP
applications utilizing EDMA TPTCs.
Accesses by the EDMA TPTCs (both TPTC0 and TPTC1) may optionally be routed through the
MMU1.
The TPTC0 and TPTC1 routing allows EDMA transfer controller to be used to perform transfers using
only the virtual addresses of the associated buffers.
For more information chapter Enhanced DMA of the device TRM.
6.10 Peripherals
6.10.1 VIP
The VIP module provides video capture functions for the device. VIP incorporates a multi-channel raw
video parser, various video processing blocks, and a flexible Video Port Direct Memory Access (VPDMA)
engine to store incoming video in various formats. The device uses a single instantiation of the VIP
module giving the ability of capturing up to two video streams.
A VIP module includes the following main features:
•
Two independently configurable external video input capture slices (Slice 0 and Slice 1) each of which
has two video input ports, Port A and Port B, where Port A can be configured as a 16/8-bit port, and
Port B is a fixed 8-bit port.
•
Each video Port A can be operated as a port with clock independent input channels (with interleaved or
separated Y/C data input). Embedded sync and external sync modes are supported for all input
configurations.
•
Support for a single external asynchronous pixel clock, up to 165MHz per port.
•
Pixel Clock Input Domain Port A supports up to one 16-bit input data bus, including BT.1120 style
embedded sync for 16-bit data.
•
Embedded Sync data interface mode supports single or multiplexed sources
•
Discrete Sync data interface mode supports only single source input
•
16-bit data input plus discrete syncs can be configured to include:
–
8-bit YUV422 (Y and U/V time interleaved)
–
16-bit YUV422 (CbY and CrY time interleaved)
–
16-bit RGB565
–
16-bit RAW Capture
•
Discrete sync modes include:
–
VSYNC + HSYNC (FID determined by FID signal pin or HSYNC/VSYNC skew)
–
VSYNC + ACTVID + FID
–
VBLANK + ACTVID (ACTVID toggles in VBLANK) + FID
–
VBLANK + ACTVID (no ACTVID toggles in VBLANK) + FID
•
Multichannel parser (embedded syncs only)
–
Embedded syncs only
–
Pixel (2x or 4x) or Line multiplexed modes supported
–
Performs demultiplexing and basic error checking
–
Supports maximum of 9 channels in Line Mux (8 normal + 1 split line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com