Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 157 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 157 Page - Texas Instruments

Back Button DM504 Datasheet HTML 153Page - Texas Instruments DM504 Datasheet HTML 154Page - Texas Instruments DM504 Datasheet HTML 155Page - Texas Instruments DM504 Datasheet HTML 156Page - Texas Instruments DM504 Datasheet HTML 157Page - Texas Instruments DM504 Datasheet HTML 158Page - Texas Instruments DM504 Datasheet HTML 159Page - Texas Instruments DM504 Datasheet HTML 160Page - Texas Instruments DM504 Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 211 page
background image
157
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
•
Ancillary data capture support
–
For 16-bit input, ancillary data may be extracted from any single channel
–
For 8-bit time interleaved input, ancillary data can be chosen from the Luma channel, the Chroma
channel, or both channels
–
Horizontal blanking interval data capture only supported when using discrete syncs (VSYNC +
HSYNC or VSYNC + HBLANK)
–
Ancillary data extraction supported on multichannel capture as well as single source streams
•
Format conversion and scaling
–
Programmable color space conversion
–
YUV422 to YUV444 conversion
–
YUV444 to YUV422 conversion
–
YUV422 to YUV420 conversion
–
YUV422 Source: YUV422 to YUV422, YUV422 to YUV420, YUV422 to YUV444, YUV422 to
RGB888
–
Supports RAW to RAW (no processing)
–
Scaling and format conversions do not work for multiplexed input
•
Supports up to 2047 pixels wide input - when scaling is engaged
•
Supports up to 3840 pixels wide input - when only chroma up/down sampling is engaged, without
scaling
•
Supports up to 4095 pixels wide input - without scaling and chroma up/down sampling
•
The maximum supported input resolution is further limited by pixel clock and feature-dependent
constraints
For more information, see chapter Video Input Port of the device TRM.
6.10.2 DSS
The Display Subsystem (DSS) provides the logic to interface display peripherals. DSS integrates a DMA
engine as part of DISPC module, which allows direct access to the memory frame buffer. Various pixel
processing capabilities are supported, such as: color space conversion, filtering, scaling, blending, color
keying, etc.
The supported display interfaces are:
•
One parallel CMOS output, which can be used for MIPI® DPI 2.0, or BT-656 or BT-1120.
•
One TV output, which is connected to the internal Video Encoder module (VENC). The VENC drives a
single video digital-to-analog converter (SD_DAC) supporting composite video mode.
The modules integrated in the display subsystem are:
•
Display controller (DISPC), with the following main features
–
One direct memory access (DMA) engine
–
One graphics pipeline (GFX), two video pipelines (VID1 and VID2), and one write-back pipeline
(WB)
–
Two overlay managers
–
Active Matrix color support for 12/16/18/24-bit (truncated or dithered encoded pixel values)
–
One Video Port (VP) with programmable timing generator to support:
•
DPI: up to 165 MHz pixel clock video formats defined in CEA-861-E and VESA DMT standards
•
VENC: NTSC/PAL standards with 60Hz/50Hz refresh rates
–
Supported maximum FrameBuffer width of 4096 for all pixel formats
–
Configurable output mode: progressive or interlaced
–
Selection between RGB and YUV422 output pixel formats (YUV4:2:2 only available when BT-656
or BT-1120 output mode is enabled)
For more information, see section Display Controller in chapter Display Subsystem of the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com