Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 160 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 160 Page - Texas Instruments

Back Button DM504 Datasheet HTML 156Page - Texas Instruments DM504 Datasheet HTML 157Page - Texas Instruments DM504 Datasheet HTML 158Page - Texas Instruments DM504 Datasheet HTML 159Page - Texas Instruments DM504 Datasheet HTML 160Page - Texas Instruments DM504 Datasheet HTML 161Page - Texas Instruments DM504 Datasheet HTML 162Page - Texas Instruments DM504 Datasheet HTML 163Page - Texas Instruments DM504 Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 211 page
background image
160
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
6.10.6 I2C
The device contains five multimaster inter-integrated circuit (I2C) controllers (I2Ci modules, where i = 1, 2)
each of which provides an interface between a local host (LH), such as a digital signal processor (DSP),
and any I2C-bus-compatible device that connects through the I2C serial bus. External components
attached to the I2C bus can serially transmit and receive up to 8 bits of data to and from the LH device
through the 2-wire I2C interface.
Each multimaster I2C controller can be configured to act like a slave or master I2C-compatible device.
For more information, see section Multimaster I2C Controller in chapter Serial Communication Interfaces
of the device TRM.
6.10.7 UART
The UART is a simple L4 slave peripheral that utilizes the EDMA for data transfer or IRQ polling via CPU.
There are 3 UART modules in the device. Each UART can be used for configuration and data exchange
with a number of external peripheral devices or interprocessor communication between devices.
6.10.7.1 UART Features
The UARTi (where i = 1 to 3) include the following features:
•
16C750 compatibility
•
64-byte FIFO buffer for receiver and 64-byte FIFO for transmitter
•
Programmable interrupt trigger levels for FIFOs
•
Baud generation based on programmable divisors N (where N = 1…16,384) operating from a fixed
functional clock of 48 MHz or 192 MHz
Oversampling is programmed by software as 16 or 13. Thus, the baud rate computation is one of two
options:
•
Baud rate = (functional clock / 16) / N
•
Baud rate = (functional clock / 13) / N
•
This software programming mode enables higher baud rates with the same error amount without
changing the clock source
•
Break character detection and generation
•
Configurable data format:
–
Data bit: 5, 6, 7, or 8 bits
–
Parity bit: Even, odd, none
–
Stop-bit: 1, 1.5, 2 bit(s)
•
Flow control: Hardware (RTS/CTS) or software (XON/XOFF)
•
The 48 MHz functional clock option allows baud rates up to 3.6Mbps
•
The 192 MHz functional clock option allows baud rates up to 12Mbps
For more information, see section UART in chapter Serial Communication Interfaces of the device TRM.
6.10.8 McSPI
The McSPI is a master/slave synchronous serial bus. There are four separate McSPI modules (SPI1,
SPI2, SPI3, and SPI4) in the device. All these four modules are able to work as both master and slave
and support the following chip selects:
•
McSPI1: spi1_cs[0], spi1_cs[1], spi1_cs[2], spi1_cs[3]
•
McSPI2: spi2_cs[0], spi2_cs[1]
•
McSPI3: spi3_cs[0], spi3_cs[1]
•
McSPI4: spi4_cs[0]
The McSPI modules include the following main features:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com