Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 107 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 107 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 103Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 104Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 105Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 106Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 107Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 108Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 109Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 110Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 111Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 129 page
background image
SS1102C Special Modes
102
PRELIMINARY V1.8
Figure 38.
External Instruction Fetch From Program Memory
16.4.
EXTERNAL MEMORY MODE
The SS1102C is designed to be used in a 48 pin package with internal program and data
memory. For test purposes the chip can be put into external memory mode such that
external programs and data may be accessed to test the device. This mode is entered by
driving the TST pin high with P4.3 and P4.2 low during reset. After reset P4.3 will
become the PSEN output and P4.2 will become the ALE output. The remaining pin
functions are listed below along with timing diagrams.
PIN
TYPE
FUNCTION
P07-0/AD7-0
I/O
Lower address and data
P27-0/A15-8
OUTPUT
Upper address output
P3.6/NWR
OUTPUT
Data memory write
State 4
State 5
State 6
State 1
State 2
State 3
NX1
Address 15-8 out
Address 15-8 out
EPSEN
EA15-8
Data In
XD7-0
Address 7-0 out
Address 7-0 out
EAD7-0
Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com