Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 110 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 110 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 106Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 107Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 108Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 109Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 110Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 111Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 112Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 113Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 114Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 129 page
background image
Comparator module
PRELIMINARY V1.8
105
17.3.
Block Diagram
Figure 39.
Comparator Module Block Diagram
17.4.
Comparator Control Register
The comparator control register contains two bits. The enable bit 0 turns on the power
and clock to the comparator and automatically redirects the DI input of the SSTM to go
from the DI pad input to the comparator output cmpout. The analog input of the DI
(P3.5) is connected to the cmp_in1 of the comparator. Note: The user should disable the
digital input of the P3.5 port pin (PCR bit 4). The cmpout bit 1 of the comparator control
register allows the user to read the comparator output.
Address
85H
Bit Address
BIT
7654321
0
NAME
cmpout
enable
Definition
comparator
output
value
1-enable the
comparator:
DI pad > cmp1_in
cmpout> DI
SSTM
0-disable the
comparator:
DI pad > DI SSTM
Reset Value
0000000
0
+
COMPARATOR
DI pad
DIREF
DI SSTM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com