Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 112 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 112 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 108Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 109Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 110Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 111Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 112Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 113Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 114Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 115Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 116Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 129 page
background image
Power-On Reset (POR)
PRELIMINARY V1.8
107
18. Power-On Reset (POR)
18.1.
General
The power-on reset circuit provides internal SS1102C reset for most power-up
situations.
POR consists of power-up detect block, start-up timer, and reset latch. Output of the
reset latch is an internal reset (chip_reset) signal. This signal goes low when Vcc rises to
the specified level and the signal goes high after some specified interval of time. This
interval is determined by the start-up timer.
Ramping up of Vcc generates the Power-up Detect (PUD) signal. This signal does not
come until Vcc achieves a level where the logic circuits of the POR start to operate.
The POR is used only at power-up and should not be used to detect drops in power
supply voltage.
The PUD is multiplexed with Nreset (external reset signal).
The SS1102C becomes functional after the chip_reset is generated.
Figures 1 and 2 show timing diagrams.
18.2.
Operation
At power-up, the reset latch and the start-up timer are reset to appropriate state by the
PUD pulse. After some time interval (2n pulses of the high frequency clock for an n-bit
counter) the start-up timer will trigger the reset latch (if there is no Nreset active) and
thus issue the chip_reset signal.
The chip_reset signal will be generated by the internal POR circuit when Nreset signal
is held high. The Nreset can be used to override the internal reset.
18.3.
Crystal Oscillator Start-Up Time
After Vcc achieves the operational level, the crystal oscillator will require time to
stabilize. This is the crystal oscillator start-up time.
Low frequency crystals have a typical start-up time of 1-2sec. Higher frequency crystals
have shorter start-up times (1-2ms). Start-up times are voltage dependent. The SS1102C
uses the high frequency crystal for the start-up timer because it is the default clock at
reset time. The counter delay is designed to be longer than the start-up time of the high
frequency crystal so the fast clock will be stabilized before the chip is reset. The user’s
software should account for the low frequency crystal’s start-up time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com