Electronic Components Datasheet Search
  English  ▼

X  

SS1102C Datasheet(PDF) 109 Page - List of Unclassifed Manufacturers

Part # SS1102C
Description  Integrated MCU with Spread-Spectrum Transceiver (SST)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SS1102C Datasheet(HTML) 109 Page - List of Unclassifed Manufacturers

Back Button SS1102C Datasheet HTML 105Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 106Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 107Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 108Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 109Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 110Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 111Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 112Page - List of Unclassifed Manufacturers SS1102C Datasheet HTML 113Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 129 page
background image
Comparator module
104
PRELIMINARY V1.8
17. Comparator module
17.1.
General Information
The comparator module converts an incoming analog signal from the RF receiver into a
digital signal used as input by the internal digital correlators of the SSTM. This module
performs as a 1-bit A/D converter.
When the comparator is enabled it will automatically be placed in the path between the
DI input for the SS1102C and the DI input of the internal SSTM module. With the
DIREF input this allows the user to input analog DI and a DIREF which is the converted
to a digital input to the SSTM module. When the comparator is disabled (default) the DI
input of the SS1102C is connected directly to the DI input of the SSTM module and a
digital signal is expected.
In this section, a general description of the comparator module is given. This includes a
functional description, a block diagram, pin names and definitions, and all the signals
necessary for the block and their timing.
17.2.
Functional Description
This comparator is a a rail to rail, single supply comparator. It is also high speed and
low power. In this comparator, both inputs can change. It has the following features:
TABLE 75.
Comparator Main Features
supply voltage (Vdd)
2.7 - 3.3 V and 4.5 - 5.5 V
conversion time
100 - 200 nS
input offset voltage
1 - 2 mV
current usage (in active
mode)
1 mA max. for 3.3V and 5 mA
max. for 5.5 V supply
current usage (in sleep
mode)
negligible
input voltage range
0 to supply voltage
output voltage range
rail to rail
temperature range
-20 - +85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com