Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 29 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 29 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 25Page - LSI Computer Systems 8101 Datasheet HTML 26Page - LSI Computer Systems 8101 Datasheet HTML 27Page - LSI Computer Systems 8101 Datasheet HTML 28Page - LSI Computer Systems 8101 Datasheet HTML 29Page - LSI Computer Systems 8101 Datasheet HTML 30Page - LSI Computer Systems 8101 Datasheet HTML 31Page - LSI Computer Systems 8101 Datasheet HTML 32Page - LSI Computer Systems 8101 Datasheet HTML 33Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 172 page
background image
System Interface
2-11
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
TXDC is a transmit packet discard output. TXDC is asserted every time
the transmission of the packet being input on the system interface was
halted and the packet discarded due to some error. This signal is latched
HIGH. It is cleared when the clearing signal, CLR_TXDC, is asserted or
cleared automatically if the controller is placed in the AutoClear mode.
See Section 2.13, “Packet Discard,” for more details on discards and
TXDC.
TXCRCn is an input that can enable the internal generation and
appending of the 4-byte CRC value onto the end of the data packet.
TXCRCn is sampled on the rising edge of SCLK and has to be asserted
at the beginning of the packet, coincident with TXSOF, to remove or add
the CRC to that packet. Setting the transmit CRC enable bit (TXCRC) in
the Configuration 1 register also enables CRC generation. Refer to
Section 2.7.3, “CRC Generation” for more details on CRC generation and
the interaction between TXCRCn and the TXCRC bit.
FCNTRL is an input that causes the automatic generation and
transmission of a MAC control pause frame. FCNTRL is input on the
rising edge of SCLK. See Section 2.17, “MAC Control Frames,” for more
details about this feature.
2.6.3 Receive Timing
The receive portion of the system interface consists of 45 signals:
• 32 receive output data bits (RXD[31:0])
• One receive enable input (RXENn)
• Four receive byte enable outputs (RXBE[3:0])
• One receive start of frame and one end of frame outputs (RXSOF
and RXEOF)
• Two receive FIFO watermark outputs (RXWM1 and RXWM2)
• One receive discard output (RXDC)
• One receive discard clear input (CLR_RXDC)
• One receive packet abort input (RXABORT)
• One receive output enable (RXOEn)
All receive and transmit data is clocked in and out with the system clock,
SCLK, which must operate between 33–66 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com