Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 76 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 76 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 72Page - LSI Computer Systems 8101 Datasheet HTML 73Page - LSI Computer Systems 8101 Datasheet HTML 74Page - LSI Computer Systems 8101 Datasheet HTML 75Page - LSI Computer Systems 8101 Datasheet HTML 76Page - LSI Computer Systems 8101 Datasheet HTML 77Page - LSI Computer Systems 8101 Datasheet HTML 78Page - LSI Computer Systems 8101 Datasheet HTML 79Page - LSI Computer Systems 8101 Datasheet HTML 80Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 172 page
background image
2-58
Functional Description
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
2.19.3 Counter Rollover
Counters normally roll over to zero when they exceed their maximum
count, (receive an increment when counter is at maximum count). The
counters can be programmed to freeze and stop counting once they
reach their maximum count. Setting the CTR_ROLL bit in “Register 9–
Configuration 3‚" Section 4.3.10, programs the counters to freeze when
they reach their maximum count.
2.19.4 Counter Maximum Packet Size
The maximum packet size used for the management counter statistics
can be programmed to be one of four values. Setting the CMXPKT[1:0]
bits in “Register 10–Configuration 4‚" Section 4.3.11, select the maximum
packet size. This selection is described in the register descriptions for
those registers and is also summarized in Table 2.15.
The bits in Table 2.15 affect the maximum packet size for the counters
only; the maximum packet size for the MAC section is described in
Section 2.8, “Receive MAC”.
2.19.5 Counter Reset
Setting the CTRRST bit in “Register 7–Configuration 1‚" Section 4.3.8,
resets all counters to zero. Asserting the controller reset pin, RESETn,
also resets the counters to zero.
Table 2.15
Counter Maximum Packet Size Selection
CMXPKT [1:0]
Maximum Packet Size (bytes)
11
Unlimited
10
1535
01
1522
00
1518



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com