Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 86 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 86 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 82Page - LSI Computer Systems 8101 Datasheet HTML 83Page - LSI Computer Systems 8101 Datasheet HTML 84Page - LSI Computer Systems 8101 Datasheet HTML 85Page - LSI Computer Systems 8101 Datasheet HTML 86Page - LSI Computer Systems 8101 Datasheet HTML 87Page - LSI Computer Systems 8101 Datasheet HTML 88Page - LSI Computer Systems 8101 Datasheet HTML 89Page - LSI Computer Systems 8101 Datasheet HTML 90Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 172 page
background image
3-8
Signal Descriptions
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
TX[9:0]
Transmit Data
Output
These interface outputs transmit data on the rising edge
of TBC.
3.3 Register Interface Signals
This section describes the 8101/8104 register interface signals.
REGA[7:0]
Register Interface Address
Input
These inputs provide the address for the specific internal
register to be accessed, and are clocked into the device
on the rising edge of REGCLK.
REGCLK
Register Interface Clock
Input
This input clocks data in and out on REGD[15:0],
REGA[7:0], REGRDn, and REGWRn on its rising edge.
REGCLK frequency must be between 5–40 MHz.
REGCSn
Register Interface Chip Select
Input
This input must be asserted to enable reading and writing
data on REGD[15:0] and REGA[7:0]. This input is
clocked in on the rising edge of REGCLK.
REGD[15:0]
Register Interface Data Bus
Bidirectional
This bus is a bidirectional 16-bit data path to and from the
internal registers. Data is read and written from and to
the internal registers on the rising edge of the register
clock, REGCLK.
REGINT
Register Interface Interrupt
Output
This output is asserted when certain interrupt bits in the
registers are set, and it remains latched HIGH until all
interrupt bits are read and cleared.
REGRDn
Register Interface Read
Input
When this input is asserted, the accessed internal
register is read (data is output from the register). This
input is clocked into the device on the rising edge of
REGCLK.
REGWRn
Register Interface Write
Input
When this input is asserted, the accessed internal
register is written (data is input to the register). This input
is clocked into the device on the rising edge of REGCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com