Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 98 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 98 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 94Page - LSI Computer Systems 8101 Datasheet HTML 95Page - LSI Computer Systems 8101 Datasheet HTML 96Page - LSI Computer Systems 8101 Datasheet HTML 97Page - LSI Computer Systems 8101 Datasheet HTML 98Page - LSI Computer Systems 8101 Datasheet HTML 99Page - LSI Computer Systems 8101 Datasheet HTML 100Page - LSI Computer Systems 8101 Datasheet HTML 101Page - LSI Computer Systems 8101 Datasheet HTML 102Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 172 page
background image
4-10
Registers
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
Table 4.3
Register Default Values
Register
Numbers
Register Address
(REGAD[7:0] Pins)
Register Name
Default
(Hex)
0
0b00000000
MAC Address 1
0x0000
1
0b00000001
MAC Address 2
0x0000
2
0b00000010
MAC Address 3
0x0000
3
0b00000011
MAC Address Filter 1
0x0000
4
0b00000100
MAC Address Filter 2
0x0000
5
0b00000101
MAC Address Filter 3
0x0000
6
0b00000110
MAC Address Filter 4
0x0000
7
0b00000111
Configuration 1
0x03F2
8
0b00001000
Configuration 2
0x07E5
9
0b00001001
Configuration 3
0x07E0
10
0b00001010
Configuration 4
0x0000
11
0b00001011
Status 1
0x0000
12–13
0b00001100–0b00001101
Reserved
14
0b00001110
Status Mask 1
0xFFFF
15–16
0b00001111–0b00010000
Reserved
17
0b00010001
Transmit FIFO Threshold
0x8620
18
0b00010010
Receive FIFO Threshold
0x00C0
19
0b00010011
Flow Control 1
ox9800
20
0b00010100
Flow Control 2
0xF000
21
0b00010101
AutoNegotiation Base Page Transmit
0x00A0
22
0b00010110
AutoNegotiation Base Page Receive
0x0000
23
0b00010111
AutoNegotiation Next Page Transmit
0x0000
24
0b00011000
AutoNegotiation Next Page Receive
0x0000
25–31
0b00011001–0b00011111
Reserved
32
0b00100000
Device ID
0x1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com