Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 73 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 73 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 69Page - LSI Computer Systems 8101 Datasheet HTML 70Page - LSI Computer Systems 8101 Datasheet HTML 71Page - LSI Computer Systems 8101 Datasheet HTML 72Page - LSI Computer Systems 8101 Datasheet HTML 73Page - LSI Computer Systems 8101 Datasheet HTML 74Page - LSI Computer Systems 8101 Datasheet HTML 75Page - LSI Computer Systems 8101 Datasheet HTML 76Page - LSI Computer Systems 8101 Datasheet HTML 77Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 172 page
background image
Counters
2-55
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
45
aCarrierSenseErrors
TX
Carrier sense dropout errors, i.e.
number of times that carrier sense is
not asserted or deasserted during
packet transmission, without a collision.
This counter is only incremented once
per packet, regardless of the number of
dropout errors in the packet.
Equivalent to
"dot3StatsCarrierSenseErrors"
32
Use Ctr. #44
46
aOctetsReceivedOK
RX
Bytes, exclusive of preamble,
in good packets only.
32
0b11011010
0b11011011
aFramesLostDueToIntMACRcvr
Error
RX
Packets with receive FIFO overflow
error.
Equivalent to "etherStatsDropEvents"
Use Ctr. #1
aMulticastFrameXmittedOK
TX
TX Multicast packets, good only.
Equivalent to
"etherStatsMulticastPkts_TX"
Use Ctr. #21
aBroadcastFramesXmittedOK
TX
TX Broadcast packets, good only.
Equivalent to
"etherStatsBroadcastPkts_TX"
Use Ctr. #20
47
aFramesWithExcessiveDefferal
TX
Packets with excessive deferral,
i.e. packets waiting for transmission
longer than two max packet times.
Since controller is Full Duplex only,
this counter is undefined.
32
0b11011100
0b11011101
aMulticastFramesReceivedOK
RX
Multicast packets, good only.
Equivalent to "etherStatsMulticastPkts"
Use Ctr. #5
aBroadcastFramesReceivedOK
RX
Broadcast packets, good only.
Equivalent to "etherStatsBroadcastPkts"
Use Ctr. #4
48
aInRangeLengthErrors
RX
Packets of legal-length whose actual
length is different from length/type field
value.
32
0b11011110
0b11011111
49
aOutOfRangeLengthField
RX
Packets with length/type
field value > Max_Packet_Length.
32
0b11100000
0b11100001
aFrameTooLongErrors
RX
Packets of length > Max_Packet_Length
with no other errors.
Equivalent to "etherStatsOversizePkts"
Use Ctr. #8
Table 2.14
Counter Definition (Cont.)
Counter
Number
Counter Name
(MIB Object Name)
Counter Description
RX/TX
Definition
Size
(Bits)
Register
Address
REGAD[7:0]
(Low/High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com