Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 57 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 57 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 53Page - LSI Computer Systems 8101 Datasheet HTML 54Page - LSI Computer Systems 8101 Datasheet HTML 55Page - LSI Computer Systems 8101 Datasheet HTML 56Page - LSI Computer Systems 8101 Datasheet HTML 57Page - LSI Computer Systems 8101 Datasheet HTML 58Page - LSI Computer Systems 8101 Datasheet HTML 59Page - LSI Computer Systems 8101 Datasheet HTML 60Page - LSI Computer Systems 8101 Datasheet HTML 61Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 172 page
background image
AutoNegotiation
2-39
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
2.15 AutoNegotiation
The AutoNegotiation algorithm is a negotiation sequence between two
stations over the 10-bit PHY interface that establishes a good link
between two stations, and configures both stations for the same mode of
operation. The AutoNegotiation algorithm in the controller meets all
specifications defined in IEEE 802.3z.
AutoNegotiation uses a stream of /C/ ordered sets to pass an
AutoNegotiation data word to and from a remote station. The /C/ ordered
set stream consists of an alternating sequence of /C1/ and /C2/ ordered
sets. The /C1/ and /C2/ ordered sets contain two unique 10B code words
plus a 16-bit AutoNegotiation data word, as defined in IEEE 802.3z and
shown in Figure 2.6.
Figure 2.6
AutoNegotiation Data Format
K28.5
D21.5
<Bits[0:7]>
<Bits[8:15]>
K28.5
D2.2
<Bits[0:7]>
<Bits[8:15]>
C2
C1
C2
C1
From
Registers
21 – 22
From
Registers
21 – 22
A B C D E F G H
a b c d e f g h i j
PCS 8B Codes
PCS 10B Codes
TX[0]
RX[0]
TX[9]
RX[9]
TX PHY. INT.
RX PHY. INT.
Note:
< > Means 10B Encoded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com